Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM79C940JC/W Datasheet(PDF) 128 Page - Advanced Micro Devices

Part # AM79C940JC/W
Description  Media Access Controller for Ethernet (MACE??
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940JC/W Datasheet(HTML) 128 Page - Advanced Micro Devices

Back Button AM79C940JC/W Datasheet HTML 124Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 125Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 126Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 127Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 128Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 129Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 130Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 131Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 132Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 144 page
background image
128
Am79C940
"BYPASS ( BYPASS, SETBYP, TRIBYP)," &
"BOUNDARY ( EXTEST, SAMPLE, SELFTST)," &
"IDCODE ( IDCODE)";
attribute BOUNDARY_CELLS of AM79C940 : entity is
" BC_1, BC_4";
attribute BOUNDARY_LENGTH of AM79C940 : entity is 99;
attribute BOUNDARY_REGISTER of AM79C940 : entity is
"
0 (BC_1, *, control, 0)," &
"
1 (BC_1, LNKST_L, output3, X, 0, 0, Weak1)," &
"
2 (BC_1, *, internal, 0)," &
"
3 (BC_1, CS_L, input, 1)," &
"
4 (BC_1, R_W_L, input, 1)," &
"
5 (BC_1, ADD(4), input, 0)," &
"
6 (BC_1, ADD(3), input, 0)," &
"
7 (BC_1, ADD(2), input, 0)," &
"
8 (BC_1, ADD(1), input, 0)," &
"
9 (BC_1, ADD(0), input, 0)," &
"
10 (BC_1, *, control, 0)," &
"
11 (BC_1, RDTREQ_L, output3, X, 10, 0, Z)," &
"
12 (BC_1, TDTREQ_L, output3, X, 10, 0, Z)," &
"
13 (BC_4, SCLK, clock, 1)," &
"
14 (BC_1, BE1_L, input, 1)," &
"
15 (BC_1, BE0_L, input, 1)," &
"
16 (BC_1, FDS_L, input, 1)," &
"
17 (BC_1, *, internal, 0)," &
"
18 (BC_1, *, internal, 0)," &
"
19 (BC_1, *, control, 0)," &
"
20 (BC_1, EOF_L, output3, X, 19, 0, Z)," &
"
21 (BC_1, EOF_L, input, 1)," &
"
22 (BC_1, *, control, 0)," &
"
23 (BC_1, DBUS(15), output3, X, 22, 0, Z)," &
"
24 (BC_1, DBUS(15), input, 0)," &
"
25 (BC_1, DBUS(14), output3, X, 22, 0, Z)," &
"
26 (BC_1, DBUS(14), input, 0)," &
"
27 (BC_1, DBUS(13), output3, X, 22, 0, Z)," &
"
28 (BC_1, DBUS(13), input, 0)," &



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com