Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM79C940JC/W Datasheet(PDF) 136 Page - Advanced Micro Devices

Part # AM79C940JC/W
Description  Media Access Controller for Ethernet (MACE??
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940JC/W Datasheet(HTML) 136 Page - Advanced Micro Devices

Back Button AM79C940JC/W Datasheet HTML 132Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 133Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 134Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 135Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 136Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 137Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 138Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 139Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 140Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 144 page
background image
136
Am79C940
"RXCRS:100," &
"RXD0:65," &
"RXD1:66," &
"RXDAT:99," &
"RXPOL_L:57," &
"R_W_L:55," &
"SCLK:43," &
"SF_BD:8," &
"SLEEP_L:10," &
"SRD:7," &
"SRDCLK:5," &
"STDCLK:96," &
"TCK:61," &
"TC_L:13," &
"TDI:63," &
"TDO:59," &
"TDTREQ_L:44," &
"TMS:60," &
"TXD0:69," &
"TXD1:71," &
"TXDAT0:94," &
"TXDAT1:93," &
"TXEN_L:97," &
"TXP0:68," &
"TXP1:70," &
"XTAL1:73," &
"XTAL2:75";
attribute TAP_SCAN_IN
of TDI : signal is true;
attribute TAP_SCAN_OUT
of TDO : signal is true;
attribute TAP_SCAN_MODE
of TMS : signal is true;
attribute TAP_SCAN_CLOCK of TCK : signal is (1.00e+07, BOTH);
attribute INSTRUCTION_LENGTH of AM79C940 : entity is 4;
attribute INSTRUCTION_OPCODE of AM79C940 : entity is
"BYPASS ( 0110, 0111, 1000, 1001, 1010, 1011, 1100, 1101, 1110," &
" 1111)," &
"EXTEST ( 0000)," &
"IDCODE ( 0001)," &



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com