Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STSPIN32G0601 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STSPIN32G0601
Description  600 V three-phase BLDC controller with embedded STM32 MCU
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32G0601 Datasheet(HTML) 5 Page - STMicroelectronics

  STSPIN32G0601 Datasheet HTML 1Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 2Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 3Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 4Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 5Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 6Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 7Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 8Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
Table 2. Pin description
Pin N.
Name
Type
MCU Driver
Function
1
SGND
P
Y
Driver signal ground
2
PC13
I/O - FT
Y
TIM1_BK, TAMP_IN1, RTC_TS, RTC_OUT1, WKUP2
3
PC14
I/O - FT
Y
TIM1_BK2, OSC32_IN
4
PC15
I/O - FT
Y
OSC32_EN, OSC_EN, OSC32_OUT
5
VBAT
S
Y
VBAT
6
VREF+
S
Y
VREF_OUT
7
VDD/VDDA
S
Y
8
VSS/VSSA
S
Y
9
PF0
I/O - FT
Y
TIM14_CH1, OSC_IN
10
PF1
I/O - FT
Y
OSC_EN, OSC_OUT
11
PF2/NRST
I/O
Y
MCO, NRST (default functionality)
12
PA0
I/O - FT_a
Y
SPI2_SCK, USART2_CTS, TIM2_CH1_ETR, LPTIM1_OUT, ADC_IN0,
TAMP_IN2, WKUP1
13
PA1
I/O - FT_ea
Y
SPI1_SCK/I2S1_CK, USART2_RTS_DE_CK, TIM2_CH2, I2C1_SMBA,
EVENTOUT, ADC_IN1
14
PA2
I/O - FT_a
Y
SPI1_MOSI/I2S1_SD, USART2_TX, TIM2_CH3, LPUART1_TX,
ADC_IN2, WKUP4, LSCO
15
PA3
I/O - FT_ea
Y
SPI2_MISO, USART2_RX, TIM2_CH4, LPUART1_RX, EVENTOUT,
ADC_IN3
16
PA4
I/O - FT_a
Y
SPI1_NSS/I2S1_WS, SPI2_MOSI, TIM14_CH1, LPTIM2_OUT,
EVENTOUT, ADC_IN4, RTC_OUT2
17
PA5
I/O - FT_ea
Y
SPI1_SCK/I2S1_CK, TIM2_CH1_ETR, LPTIM2_ETR, EVENTOUT,
ADC_IN5
18
SGND
P
Y
Driver signal ground
19
PA6
I/O - FT_ea
Y
SPI1_MISO/I2S1_MCK, TIM3_CH1, TIM1_BK, TIM16_CH1,
LPUART1_CTS, ADC_IN6
20
PA7
I/O - FT_a
Y
SPI1_MOSI/I2S1_SD, TIM3_CH2, TIM1_CH1N, TIM14_CH1,
TIM17_CH1, ADC_IN7
21
PB0
I/O - FT_ea
Y
SPI1_NSS/I2S1_WS, TIM3_CH3, TIM1_CH2N, LPTIM1_OUT, ADC_IN8
22
PB1
I/O - FT_ea
Y
TIM14_CH1, TIM3_CH4, TIM1_CH3N, LPTIM2_IN1,
LPUART1_RTS_DE, EVENTOUT, ADC_IN9
23
PB2
I/O - FT_ea
Y
SPI2_MISO, LPTIM1_OUT, EVENTOUT, ADC_IN10
24
PB10
I/O - FT_fa
Y
LPUART1_RX, TIM2_CH3, SPI2_SCK, I2C2_SCL, ADC_IN11
25
PB11
I/O - FT_fa
Y
SPI2_MOSI, LPUART1_TX, TIM2_CH4, I2C2_SDA, ADC_IN15
26
OD
AO
Y
Open drain comparator output
27
CIN
I
Y
Comparator positive input
28
SGND
P
Y
Driver signal ground
29
PGND
P
Y
Driver power ground
30
LVG1 (1)
AO
Y
Phase 1 low-side driver output
31
LVG2 (1)
AO
Y
Phase 2 low-side driver output
32
LVG3 (1)
AO
Y
Phase 3 low-side driver output
33
SGND
P
Y
Driver signal ground
38
OUT1
P
Y
Phase 1 high-side (floating) common voltage
STSPIN32G0601
Pin description and connection diagram
DS14489 - Rev 1
page 5/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com