Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STSPIN32G0601 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STSPIN32G0601
Description  600 V three-phase BLDC controller with embedded STM32 MCU
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32G0601 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STSPIN32G0601 Datasheet HTML 7Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 8Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 9Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 10Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 11Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 12Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 13Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 14Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Output driving buffers
ISO
Source peak current
TJ = 25 °C
160
200
300
mA
Full temperature range (3)
130
350
mA
ISI
Sink peak current
TJ = 25 °C
230
350
430
mA
Full temperature range (3)
200
500
mA
RDSonON
Source RDSon
I = 10 mA, TJ = 25 °C
24
35
46
Ω
I = 10 mA,
Full temperature range (3)
20
56
Ω
RDSonOFF
Sink RDSon
I = 10 mA, TJ = 25 °C
11
16
21
Ω
I = 10 mA,
Full temperature range (3)
8
27
Ω
Logic inputs
Vil
Low level logic
threshold voltage
1.62 V < VDD < 3.6 V
0.3 · VDD
(4)
V
0.39 ·
VDD–0.06
(5)
V
Vih
High level logic
threshold voltage
1.62 V < VDD < 3.6 V
0.7 · VDD
(4)
V
0.49 ·
VDD+0.26
(5)
V
Vhyst (5)
Input hysteresis
FT_xx, NRST,
1.62 V < VDD < 3.6 V
200
mV
Ilkg (5)
Input leakage current
All except FT_e
0 < VIN ≤
VDD
± 70
nA
VDD ≤ VIN
≤ VDD+1 V
600 (6)
VDD+1 V <
VIN ≤ 5.5 V
150 (6)
FT_e (7)
0 < VIN ≤
VDD
10
VSSDh
SmartSD restart
threshold
3.5
4
4.3
V
VSSDl
SmartSD unlatch
threshold
0.56
0.75
V
Sense comparator and FAULT (8)
VREF
Internal voltage
reference
410
460
510
mV
CINhyst
Comparator input
hysteresis
40
70
mV
CINPD
Comparator input pull-
down current
VCIN = 1 V
7
10
13
µA
IOD
OD internal current
source
2.5
5
7.5
µA
RON_OD
OD on-resistance
IOD = 16 mA
19
25
36
W
ISAT_OD
OD saturation current
VOD = 5 V
95
mA
STSPIN32G0601
Electrical characteristics
DS14489 - Rev 1
page 11/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com