Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STSPIN32G0601 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STSPIN32G0601
Description  600 V three-phase BLDC controller with embedded STM32 MCU
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32G0601 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STSPIN32G0601 Datasheet HTML 13Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 14Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 15Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 16Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 17Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 18Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 19Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 20Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
6.1.4
VBO UVLO protection
Dedicated undervoltage protection is available on each bootstrap section between BOOTx and OUTx supply pins.
In order to avoid intermittent operation, a hysteresis sets the turn-off threshold with respect to the turn-on
threshold.
When the VBO voltage goes below the VBOthOFF threshold, the HVG output of the corresponding bootstrap section
is switched off. When the VBO voltage reaches the VBOthON threshold, the device returns to normal operation and
the output remains off up to the next input pin transition that requests HVG to turn on.
Figure 8. VBO power-ON and UVLO timing
VCC
V
V
FAULT
HIN
HVG-OUT
BOthON
V
0V
V
VBO
BOthOFF
CCthON
CCthOFF
0V
0V
0V
0V
6.1.5
Comparator and Smart shutdown
The STSPIN32G0601 integrates a comparator committed to the fault protection function, thanks to the
SmartShutDown (SmartSD) circuit.
The SmartSD architecture allows immediate turn-off of the gate driver outputs in the case of overload or
overcurrent condition, by minimizing the propagation delay between the fault detection event and the actual
output switch-off. In fact, the time delay between the fault detection and the output turn-off is not dependent on the
value of the external components connected to the OD pin, which are only used to set the duration of disable time
after the fault.
This provides the possibility to increase the duration of the output disable time after the fault event up to very
large values without increasing the delay time of the protection. The duration of the disable time is determined by
the values of the external capacitor COD and of the optional pull-up resistor connected to the OD pin.
The comparator has an internal voltage reference VREF connected to the inverting input, while the non-inverting
input is available on the CIN pin. The comparator's CIN input can be connected to an external shunt resistor in
order to implement a fast and simple overcurrent protection function. The output signal of the comparator is
filtered from glitches shorter than tFCIN and then fed to the SmartSD logic.
If the impulse on the CIN pin is higher than VREF and wider than tFCIN, the SmartSD logic is triggered and
immediately sets all of the driver outputs to low-level (OFF).
At the same time, FAULT is forced low to signal the event (for example to an MCU input) and OD starts to
discharge the external COD capacitor used to set the duration of the output disable time of the fault event.
The FAULT pin is released and driver outputs restart following the input pins as soon as the output disable time
expires.
STSPIN32G0601
Device description
DS14489 - Rev 1
page 17/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com