Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STSPIN32G0601 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STSPIN32G0601
Description  600 V three-phase BLDC controller with embedded STM32 MCU
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32G0601 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STSPIN32G0601 Datasheet HTML 12Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 13Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 14Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 15Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 16Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 17Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 18Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 19Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
Figure 6. VCC power ON and UVLO, LVG timing
VCC
V
V
0 V
0 V
FAULT
LIN
0 V
0 V
LVG
UVLO VCC
CCthOFF
CCthON
Figure 7. VCC power ON and UVLO, HVG timing
UVLO VCC
V
V
BOthON
V
0V
V
BOthOFF
CCthON
CCthOFF
0V
0V
0V
0V
VCC
FAULT
HIN
HVG-OUT
VBO
STSPIN32G0601
Device description
DS14489 - Rev 1
page 16/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com