Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

8205CS6 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 8205CS6
Description  Channel enhancement mode power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

8205CS6 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  8205CS6 Datasheet HTML 1Page - List of Unclassifed Manufacturers 8205CS6 Datasheet HTML 2Page - List of Unclassifed Manufacturers 8205CS6 Datasheet HTML 3Page - List of Unclassifed Manufacturers 8205CS6 Datasheet HTML 4Page - List of Unclassifed Manufacturers 8205CS6 Datasheet HTML 5Page - List of Unclassifed Manufacturers 8205CS6 Datasheet HTML 6Page - List of Unclassifed Manufacturers 8205CS6 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
8205A/8205B/8205C
3
参数
符号
测试条件
最小值
典型值
最大值
单位
漏源导通电阻
(注
1)
R
B
DS(ON)
B
8205A
V
B
GS
B
= 4.5V
I
B
D
B
= 4.5A
-
22
26
mΩ
V
B
GS
B
= 2.5V
I
B
D
B
= 3.5A
-
26
32
8205B
V
B
GS
B
= 4.5V
I
B
D
B
= 4.5A
-
24
28
V
B
GS
B
= 2.5V
I
B
D
B
= 3.5A
-
29
35
8205C
V
B
GS
B
= 4.5V
I
B
D
B
= 4.5A
-
26
30
mΩ
V
B
GS
B
= 2.5V
I
B
D
B
= 3.5A
-
32
38
正向跨导
g
B
fs
B
V
B
DS
B
= 5V, I
B
D
B
= 4.5A
-
10
-
S
栅极总电荷(注
1)
Q
B
g
B
I
B
D
B
= 6A
V
B
DS
B
= 10V
V
B
GS
B
= 4.5V
-
10
15
nC
栅源电荷
Q
B
gs
B
-
2.3
-
栅漏电荷
Q
B
gd
B
-
3
-
导通延时(注
1)
T
B
d(on)
B
V
B
DS
B
= 10V
I
B
D
B
= 1A
V
B
GS
B
= 4.5V
R
B
G
B
= 6Ω
-
10
20
ns
上升时间
T
B
r
B
-
11
25
关断延时
T
B
d(off)
B
-
35
70
下降时间
T
B
f
B
-
30
60
输入电容
C
B
iss
B
V
B
GS
B
= 0V
V
B
DS
B
= 8V
f =1.0MHz
-
600
-
pF
输出电容
C
B
oss
B
-
330
-
反向传输电容
C
B
rss
B
-
140
-
源漏
二极
正向导通
电压(注
1)
V
B
SD
B
I
B
S
B
=1.7A, V
B
GS
B
=0V
T
B
j
B
=25°C
-
0.72
1.2
V
漏源连续电
I
B
S
B
-
-
1.7
A
注1:脉冲宽度
≤300µs,占空比≤2%



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com