Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

8205CS6 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 8205CS6
Description  Channel enhancement mode power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

8205CS6 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  8205CS6 Datasheet HTML 1Page - List of Unclassifed Manufacturers 8205CS6 Datasheet HTML 2Page - List of Unclassifed Manufacturers 8205CS6 Datasheet HTML 3Page - List of Unclassifed Manufacturers 8205CS6 Datasheet HTML 4Page - List of Unclassifed Manufacturers 8205CS6 Datasheet HTML 5Page - List of Unclassifed Manufacturers 8205CS6 Datasheet HTML 6Page - List of Unclassifed Manufacturers 8205CS6 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
8205A/8205B/8205C
7
SOT23-6
符号
尺寸(mm)
符号
尺寸(mm)
最小值
最大值
最小值
最大值
A
1.450
B2
1.900
A1
0.900
0.130
C
0.127
D
2.900
L
0.600
E1
2.800
L1
0.250
E
1.600
R
0.100
B
0.300
0.500
R1
0.100°
0.250
B1
0.950



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com