Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

8205CS6 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 8205CS6
Description  Channel enhancement mode power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

8205CS6 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  8205CS6 Datasheet HTML 1Page - List of Unclassifed Manufacturers 8205CS6 Datasheet HTML 2Page - List of Unclassifed Manufacturers 8205CS6 Datasheet HTML 3Page - List of Unclassifed Manufacturers 8205CS6 Datasheet HTML 4Page - List of Unclassifed Manufacturers 8205CS6 Datasheet HTML 5Page - List of Unclassifed Manufacturers 8205CS6 Datasheet HTML 6Page - List of Unclassifed Manufacturers 8205CS6 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
8205A/8205B/8205C
4
8. 特性曲线图
图1. 典型输出特性 (T
B
CB=25℃)
图2. 典型输出特性(T
B
CB=150℃)
图3. R
B
DS(ON)B阻值与结温的关系
图4. 导通电阻与结温的归一化关系
图5. 反向二极管的正向特性
图6. 栅极门限电压与结温的关系



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com