Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

8205CS6 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 8205CS6
Description  Channel enhancement mode power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

8205CS6 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  8205CS6 Datasheet HTML 1Page - List of Unclassifed Manufacturers 8205CS6 Datasheet HTML 2Page - List of Unclassifed Manufacturers 8205CS6 Datasheet HTML 3Page - List of Unclassifed Manufacturers 8205CS6 Datasheet HTML 4Page - List of Unclassifed Manufacturers 8205CS6 Datasheet HTML 5Page - List of Unclassifed Manufacturers 8205CS6 Datasheet HTML 6Page - List of Unclassifed Manufacturers 8205CS6 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
8205A/8205B/8205C
N 沟道增强型功率 MOSFET
1
OCT. 2012
1. 描述
引脚排列
共漏极
N沟道增强型功率场效应管8205A/8205B/8205C
具有快速开关、超低导通电阻和高性价比的特点。
8205A/8205B/8205C适用于设计电池保护或低压开关的电路。
2. 特点
低导通电阻
低驱动电流
低栅极电压
2.5V
V
B
DS
B
=20V
I
B
D
B
=6A @ V
B
GS
B
=4.5V
8205A
R
B
DS(ON)
B
<32mΩ@ V
B
GS
B
=4.5V
8205B
R
B
DS(ON)
B
<35mΩ @ V
B
GS
B
=4.5V
8205C
R
B
DS(ON)
B
<38mΩ @ V
B
GS B
=4.5V
3. 应用领域
锂电池充电保护
电源管理
便携式设备
负载开关
(顶视)
4. 框图


Similar Part No. - 8205CS6

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
8205C FUMAN-8205C Datasheet
245Kb / 3P
20V N-Channel Enhancement MOS FET
More results

Similar Description - 8205CS6

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTN3N60CI3 CYSTEKEC-MTN3N60CI3 Datasheet
506Kb / 10P
Channel Enhancement Mode Power MOSFET
logo
SeCoS Halbleitertechnol...
SSM1K2N20 SECOS-SSM1K2N20 Datasheet
434Kb / 4P
-Channel Enhancement Mode Power MOSFET
logo
AiT Semiconductor Inc.
AM2302 AITSEMI-AM2302 Datasheet
1Mb / 9P
MOSFET N-CHANNEL ENHANCEMENT MODE POWER MOSFET
REV1.1
AM2305 AITSEMI-AM2305 Datasheet
749Kb / 9P
MOSFET P-CHANNEL ENHANCEMENT MODE POWER MOSFET
REV2.0
AM2306 AITSEMI-AM2306 Datasheet
703Kb / 8P
MOSFET N-CHANNEL ENHANCEMENT MODE POWER MOSFET
REV3.1
AM2317A AITSEMI-AM2317A Datasheet
651Kb / 8P
MOSFET P-CHANNEL ENHANCEMENT MODE POWER MOSFET
REV1.0
AM3401 AITSEMI-AM3401 Datasheet
791Kb / 9P
MOSFET P-CHANNEL ENHANCEMENT MODE POWER MOSFET
REV2.0
AM3407 AITSEMI-AM3407 Datasheet
698Kb / 9P
MOSFET P-CHANNEL ENHANCEMENT MODE POWER MOSFET
REV3.0
AM3415A AITSEMI-AM3415A Datasheet
838Kb / 9P
MOSFET P-CHANNEL ENHANCEMENT MODE POWER MOSFET
REV1.0
AM8205 AITSEMI-AM8205 Datasheet
886Kb / 11P
MOSFET N-CHANNEL ENHANCEMENT MODE POWER MOSFET
REV3.0 - JUN 2010
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com