Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1603L-ADJI/OS Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP1603L-ADJI/OS
Description  2.0 MHz, 500 mA Synchronous Buck Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1603L-ADJI/OS Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP1603L-ADJI/OS Datasheet HTML 2Page - Microchip Technology MCP1603L-ADJI/OS Datasheet HTML 3Page - Microchip Technology MCP1603L-ADJI/OS Datasheet HTML 4Page - Microchip Technology MCP1603L-ADJI/OS Datasheet HTML 5Page - Microchip Technology MCP1603L-ADJI/OS Datasheet HTML 6Page - Microchip Technology MCP1603L-ADJI/OS Datasheet HTML 7Page - Microchip Technology MCP1603L-ADJI/OS Datasheet HTML 8Page - Microchip Technology MCP1603L-ADJI/OS Datasheet HTML 9Page - Microchip Technology MCP1603L-ADJI/OS Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
MCP1603
DS22042A-page 6
© 2007 Microchip Technology Inc.
TEMPERATURE SPECIFICATIONS
Electrical Specifications: Unless otherwise indicated, all limits are specified for: VIN +2.7Vto5.5V
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Operating Junction Temperature
Range
TJ
-40
—
+125
°C
Steady State
Storage Temperature Range
TA
-65
—
+150
°C
Maximum Junction Temperature
TJ
—
—
+150
°C
Transient
Package Thermal Resistances
Thermal Resistance, 5L-TSOT
θJA
—
256
—
°C/W
Typical 4-layer Board with
Internal Ground Plane
Thermal Resistance, 8L-2x3 DFN
θJA
—
84.5
—
°C/W
Typical 4-layer Board with
Internal Ground Plane and
2-Vias in Thermal Pad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com