Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1603L-ADJI/OS Datasheet(PDF) 18 Page - Microchip Technology

Part # MCP1603L-ADJI/OS
Description  2.0 MHz, 500 mA Synchronous Buck Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1603L-ADJI/OS Datasheet(HTML) 18 Page - Microchip Technology

Back Button MCP1603L-ADJI/OS Datasheet HTML 14Page - Microchip Technology MCP1603L-ADJI/OS Datasheet HTML 15Page - Microchip Technology MCP1603L-ADJI/OS Datasheet HTML 16Page - Microchip Technology MCP1603L-ADJI/OS Datasheet HTML 17Page - Microchip Technology MCP1603L-ADJI/OS Datasheet HTML 18Page - Microchip Technology MCP1603L-ADJI/OS Datasheet HTML 19Page - Microchip Technology MCP1603L-ADJI/OS Datasheet HTML 20Page - Microchip Technology MCP1603L-ADJI/OS Datasheet HTML 21Page - Microchip Technology MCP1603L-ADJI/OS Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
MCP1603
DS22042A-page 18
© 2007 Microchip Technology Inc.
7.0
PACKAGING INFORMATION
7.1
Package Marking Information (Not to Scale)
8-Lead 2x3 DFN
Example
:
XXX
YWW
NNN
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator ( )
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
5-Lead TSOT
XXNN
Example
ET25
AFM
711
25
Part Number
Marking
Code
MCP1603-120I/MC
AFM
MCP1603-150I/MC
AFK
MCP1603-180I/MC
AFJ
MCP1603-250I/MC
AFG
MCP1603-330I/MC
AFA
MCP1603-ADJI/MC
AFQ
Part Number
Marking
Code
MCP1603T-120I/OS
ETNN
MCP1603T-150I/OS
EUNN
MCP1603T-180I/OS
EVNN
MCP1603T-250I/OS
EWNN
MCP1603T-330I/OS
EXNN
MCP1603T-ADJI/OS
EYNN
Part Number
Marking
Code
MCP1603LT-120I/OS
FMNN
MCP1603LT-150I/OS
FKNN
MCP1603LT-180I/OS
EJNN
MCP1603LT-250I/OS
FGNN
MCP1603LT-330I/OS
FANN
MCP1603LT-ADJI/OS
FQNN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com