Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1603L-ADJI/OS Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP1603L-ADJI/OS
Description  2.0 MHz, 500 mA Synchronous Buck Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1603L-ADJI/OS Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP1603L-ADJI/OS Datasheet HTML 11Page - Microchip Technology MCP1603L-ADJI/OS Datasheet HTML 12Page - Microchip Technology MCP1603L-ADJI/OS Datasheet HTML 13Page - Microchip Technology MCP1603L-ADJI/OS Datasheet HTML 14Page - Microchip Technology MCP1603L-ADJI/OS Datasheet HTML 15Page - Microchip Technology MCP1603L-ADJI/OS Datasheet HTML 16Page - Microchip Technology MCP1603L-ADJI/OS Datasheet HTML 17Page - Microchip Technology MCP1603L-ADJI/OS Datasheet HTML 18Page - Microchip Technology MCP1603L-ADJI/OS Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
© 2007 Microchip Technology Inc.
DS22042A-page 15
MCP1603
Table 5-1 contains the recommend range for the output
capacitor value.
5.6
Inductor Selection
When using the MCP1603, the inductance value can
range from 3.3 µH to 10 µH. An inductance value of
4.7 µH is recommended to achieve a good balance
between converter load transient response and mini-
mized noise.
The value of inductance is selected to achieve a
desired amount of ripple current. It is reasonable to
assume a ripple current that is 20% of the maximum
load current. The larger the amount of ripple current
allowed, the larger the output capacitor value becomes
to meet ripple voltage specifications. The inductor
ripple current can be calculated according to the follow-
ing equation.
EQUATION 5-4:
When considering inductor ratings, the maximum DC
current rating of the inductor should be at least equal to
the maximum load current, plus one half the peak-to-
peak inductor ripple current (1/2 *
ΔIL). The inductor DC
resistance adds to the total converter power loss. An
inductor with a low DC resistance allows for higher
converter efficiency.
5.7
Thermal Calculations
The MCP1603 is available in two different packages
(TSOT-23 and 2x3 DFN). By calculating the power
dissipation and applying the package thermal
resistance, (
θJA), the junction temperature is
estimated.
The
maximum
continuous
junction
temperature rating for the MCP1603 is +125°C.
To quickly estimate the internal power dissipation for
the switching buck regulator, an empirical calculation
using measured efficiency can be used. Given the
measured efficiency, the internal power dissipation is
estimated by:
EQUATION 5-5:
The difference between the first term, input power
dissipation, and the second term, power delivered, is
the internal power dissipation. This is an estimate
assuming that most of the power lost is internal to the
MCP1603. There is some percentage of power lost in
the buck inductor, with very little loss in the input and
output capacitors.
TABLE 5-1:
CAPACITOR VALUE RANGE
CIN
COUT
Minimum
4.7 µF
4.7 µF
Maximum
—
22 µF
ΔI
L
VOUT
FSW L
×
-------------------
1
VOUT
VIN
-------------
–
⎝⎠
⎛⎞
×
=
Where:
FSW = Switching Frequency
TABLE 5-2:
MCP1603 RECOMMENDED
INDUCTORS
Part
Number
Value
(µH)
DCR
Ω
(max)
ISAT
(A)
Size
WxLxH (mm)
Coiltronics®
SD3110
3.3
0.195
0.81
3.1x3.1x1.0
SD3110
4.7
0.285
0.68
3.1x3.1x1.0
SD3110
6.8
0.346
0.58
3.1x3.1x1.0
SD3812
3.3
0.159
1.40
3.8x3.8x1.2
SD3812
4.7
0.256
1.13
3.8x3.8x1.2
SD3812
6.8
0.299
0.95
3.8x3.8x1.2
Würth Elektronik®
WE-TPC
Type XS
3.3
0.225
0.72
3.3x3.5x0.95
WE-TPC
Type XS
4.7
0.290
0.50
3.3x3.5x0.95
WE-TPC
Type S
4.7
0.105
0.90
3.8x3.8x1.65
WE-TPC
Type S
6.8
0.156
0.75
3.8x3.8x1.65
Sumida®
CMD4D06
3.3
0.174
0.77
3.5x4.3x0.8
CMD4D06
4.7
0.216
0.75
3.5x4.3x0.8
CMD4D06
6.8
0.296
0.62
3.5x4.3x0.8
VOUT IOUT
×
Efficiency
-------------------------------
⎝⎠
⎛⎞
VOUT IOUT
×
()
–
PDiss
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com