Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1603L-ADJI/OS Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP1603L-ADJI/OS
Description  2.0 MHz, 500 mA Synchronous Buck Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1603L-ADJI/OS Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP1603L-ADJI/OS Datasheet HTML 13Page - Microchip Technology MCP1603L-ADJI/OS Datasheet HTML 14Page - Microchip Technology MCP1603L-ADJI/OS Datasheet HTML 15Page - Microchip Technology MCP1603L-ADJI/OS Datasheet HTML 16Page - Microchip Technology MCP1603L-ADJI/OS Datasheet HTML 17Page - Microchip Technology MCP1603L-ADJI/OS Datasheet HTML 18Page - Microchip Technology MCP1603L-ADJI/OS Datasheet HTML 19Page - Microchip Technology MCP1603L-ADJI/OS Datasheet HTML 20Page - Microchip Technology MCP1603L-ADJI/OS Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
© 2007 Microchip Technology Inc.
DS22042A-page 17
MCP1603
6.0
TYPICAL APPLICATION CIRCUITS
l
FIGURE 6-1:
Single Li-Ion to 1.5V @ 500 mA Application.
FIGURE 6-2:
5V to 1.0V @ 500 mA Application.
FIGURE 6-3:
3 NiMH Batteries to 1.2V @ 500 mA Application.9
VIN
SHDN
GND
VFB
LX
VIN
3.0V To 4.2V
VOUT
1.5V @ 500 mA
COUT
4.7 µF
CIN
4.7 µF
L1
4.7 µH
RTOP
200 k
Ω
RBOT
787 k
Ω
VIN
SHDN
GND
VFB
LX
VIN
5.0V
VOUT
1.0V @ 500 mA
COUT
4.7 µF
CIN
4.7 µF
L1
4.7 µH
RCOMP
4.99 k
Ω
CCOMP
33 pF
VIN
SHDN
GND
VFB
LX
VIN
2.7V To 4.5V
VOUT
1.2V @ 500 mA
COUT
4.7 µF
CIN
4.7 µF
L1
4.7 µH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com