| Electronic Components Datasheet Search |
|
7549 Datasheet(PDF) 13 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7549 Datasheet(HTML) 13 Page - Renesas Technology Corp |
|
13 / 73 page ![]() Rev.2.00 Mar 05, 2007 Page 13 of 70 REJ03B0202-0200 7549 Group PRELIMINARY Notice: This is not a final specification. Some parametric limits are subject to change. Fig 9. Memory map of special function register (SFR) 000016 000116 000216 000316 000416 000516 000616 000716 000816 000916 000A16 000B16 000C16 000D16 000E16 000F16 001016 001116 001216 001316 001416 001516 001616 001716 001816 001916 001A16 001B16 001C16 001D16 001E16 001F16 002016 002116 002216 002316 002416 002516 002616 002716 002816 002916 002A16 002B16 002C16 002D16 002E16 002F16 003016 003116 003216 003316 003416 003516 003616 003716 003816 003916 003A16 003B16 003C16 003D16 003E16 003F16 Port P0 (P0) Port P0 direction register (P0D) Port P1 (P1) Port P1 direction register (P1D) Port P2 (P2) Port P2 direction register (P2D) Port P3 (P3) Port P3 direction register (P3D) Reserved Reserved Reserved Reserved Port P0 drive capacity control register (DCCR) Port P0 pull-up control register (PULL0) Port P1 pull-up control register (PULL1) Key-on wakeup input selection register (KEYS) Capture/Compare register (low-order) (CRAL) Capture/Compare register (high-order) (CRAH) Capture/Compare register R/W pointer (CCRP) Compare output mode register (CMOM) Timer A (low-order) (TAL) Timer A (high-order) (TAH) Reserved Reserved Transmit/Receive buffer register (TB/RB) Serial I/O status register (SIOSTS) Serial I/O control register (SIOCON) UART control register (UARTCON) Baud rate generator (BRG) Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Prescaler 12 (PRE12) Timer 1 (T1) Timer 2 (T2) Timer mode register (TM) Timer count source set register (TCSS) Compare register re-load register (CMPR) Capture/Compare port register (CCPR) Capture/Compare status register (CCSR) Compare interrupt source set register (CISR) Capture software trigger register (CSTR) Capture mode register (CAPM) Reserved AD control register (ADCON) AD conversion register (low-order) (ADL) AD conversion register (high-order) (ADH) Clock mode register (CLKM) Oscillation stop detection register (CLKSTP) Watchdog timer control register (WDTCON) Interrupt edge selection register (INTEDGE) CPU mode register (CPUM) Interrupt request register 1 (IREQ1) Interrupt request register 2 (IREQ2) Interrupt control register 1 (ICON1) Interrupt control register 2 (ICON2) Note 1: Do not access to the reserved addresses. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |