Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC10F200-E/P Datasheet(PDF) 41 Page - Microchip Technology

Part # PIC10F200-E/P
Description  6-Pin, 8-Bit Flash Microcontrollers
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10F200-E/P Datasheet(HTML) 41 Page - Microchip Technology

Back Button PIC10F200-E/P Datasheet HTML 37Page - Microchip Technology PIC10F200-E/P Datasheet HTML 38Page - Microchip Technology PIC10F200-E/P Datasheet HTML 39Page - Microchip Technology PIC10F200-E/P Datasheet HTML 40Page - Microchip Technology PIC10F200-E/P Datasheet HTML 41Page - Microchip Technology PIC10F200-E/P Datasheet HTML 42Page - Microchip Technology PIC10F200-E/P Datasheet HTML 43Page - Microchip Technology PIC10F200-E/P Datasheet HTML 44Page - Microchip Technology PIC10F200-E/P Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 96 page
background image
© 2007 Microchip Technology Inc.
DS41239D-page 39
PIC10F200/202/204/206
8.2
Comparator Operation
A single comparator is shown in Figure 8-2 along with
the relationship between the analog input levels and
the digital output. When the analog input at VIN+ is less
than the analog input VIN-, the output of the comparator
is a digital low level. When the analog input at VIN+ is
greater than the analog input VIN-, the output of the
comparator is a digital high level. The shaded areas of
the output of the comparator in Figure 8-2 represent
the uncertainty due to input offsets and response time.
See Table 12-1 for Common Mode Voltage.
FIGURE 8-2:
SINGLE COMPARATOR
8.3
Comparator Reference
An internal reference signal may be used depending on
the comparator operating mode. The analog signal that
is present at VIN- is compared to the signal at VIN+ and
the digital output of the comparator is adjusted
accordingly (Figure 8-2). Please see Table 12-1 for
internal reference specifications.
8.4
Comparator Response Time
Response time is the minimum time, after selecting a
new reference voltage or input source, before the
comparator output is to have a valid level. If the com-
parator inputs are changed, a delay must be used to
allow the comparator to settle to its new state. Please
see Table 12-1 for comparator response time
specifications.
8.5
Comparator Output
The comparator output is read through CMCON0
register. This bit is read-only. The comparator output
may also be used internally, see Figure 8-1.
8.6
Comparator Wake-up Flag
The comparator wake-up flag is set whenever all of the
following conditions are met:
•CWU = 0 (CMCON0<0>)
• CMCON0 has been read to latch the last known
state of the CMPOUT bit (MOVF CMCON0, W)
• Device is in Sleep
• The output of the comparator has changed state
The wake-up flag may be cleared in software or by
another device Reset.
8.7
Comparator Operation During
Sleep
When the comparator is active and the device is placed
in Sleep mode, the comparator remains active. While
the comparator is powered-up, higher Sleep currents
than shown in the power-down current specification will
occur. To minimize power consumption while in Sleep
mode, turn off the comparator before entering Sleep.
8.8
Effects of a Reset
A Power-on Reset (POR) forces the CMCON0 register
to its Reset state. This forces the Comparator module
to be in the comparator Reset mode. This ensures that
all potential inputs are analog inputs. Device current is
minimized when analog inputs are present at Reset
time. The comparator will be powered-down during the
Reset interval.
8.9
Analog Input Connection
Considerations
A simplified circuit for an analog input is shown in
Figure 8-3. Since the analog pins are connected to a
digital output, they have reverse biased diodes to VDD
and VSS. The analog input therefore, must be between
VSS and VDD. If the input voltage deviates from this
range by more than 0.6V in either direction, one of the
diodes is forward biased and a latch-up may occur. A
maximum
source
impedance
of
10 k
Ω
is
recommended for the analog sources. Any external
component connected to an analog input pin, such as
a capacitor or a Zener diode, should have very little
leakage current.
–
+
Vin+
Vin-
Result
Result
VIN-
VIN+
Note:
Analog levels on any pin that is defined as
a digital input may cause the input buffer to
consume more current than is specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com