Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC10F200-E/P Datasheet(PDF) 95 Page - Microchip Technology

Part # PIC10F200-E/P
Description  6-Pin, 8-Bit Flash Microcontrollers
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10F200-E/P Datasheet(HTML) 95 Page - Microchip Technology

Back Button PIC10F200-E/P Datasheet HTML 88Page - Microchip Technology PIC10F200-E/P Datasheet HTML 89Page - Microchip Technology PIC10F200-E/P Datasheet HTML 90Page - Microchip Technology PIC10F200-E/P Datasheet HTML 91Page - Microchip Technology PIC10F200-E/P Datasheet HTML 92Page - Microchip Technology PIC10F200-E/P Datasheet HTML 93Page - Microchip Technology PIC10F200-E/P Datasheet HTML 94Page - Microchip Technology PIC10F200-E/P Datasheet HTML 95Page - Microchip Technology PIC10F200-E/P Datasheet HTML 96Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 95 / 96 page
background image
© 2007 Microchip Technology Inc.
DS41239D-page 93
PIC10F200/202/204/206
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
XXX
Pattern
Package
Temperature
Range
Device
Device:
PIC10F200
PIC10F202
PIC10F204
PIC10F206
PIC10F200T (Tape & Reel)
PIC10F202T (Tape & Reel)
PIC10F204T (Tape & Reel)
PIC10F206T (Tape & Reel)
Temperature
Range:
I= -40
°C to +85°C
(Industrial)
E= -40
°C to +125°C
(Extended)
Package:
P
=
300 mil PDIP (Pb-free)
OT
=
SOT-23, 6-LD (Pb-free)
MC
=
DFN, 8-LD 2x3 (Pb-free)
Pattern:
Special Requirements
Examples:
a)
PIC10F200-I/P = Industrial temp., PDIP
package (Pb-free)
b)
PIC10F202T-E/OT = Extended temp., SOT-23
package (Pb-free), Tape and Reel
c)
PIC10F202-E/MC = Extended temp., DFN-
package (Pb-free)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com