Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC10F200-E/P Datasheet(PDF) 42 Page - Microchip Technology

Part # PIC10F200-E/P
Description  6-Pin, 8-Bit Flash Microcontrollers
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10F200-E/P Datasheet(HTML) 42 Page - Microchip Technology

Back Button PIC10F200-E/P Datasheet HTML 38Page - Microchip Technology PIC10F200-E/P Datasheet HTML 39Page - Microchip Technology PIC10F200-E/P Datasheet HTML 40Page - Microchip Technology PIC10F200-E/P Datasheet HTML 41Page - Microchip Technology PIC10F200-E/P Datasheet HTML 42Page - Microchip Technology PIC10F200-E/P Datasheet HTML 43Page - Microchip Technology PIC10F200-E/P Datasheet HTML 44Page - Microchip Technology PIC10F200-E/P Datasheet HTML 45Page - Microchip Technology PIC10F200-E/P Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 96 page
background image
PIC10F200/202/204/206
DS41239D-page 40
© 2007 Microchip Technology Inc.
FIGURE 8-3:
ANALOG INPUT MODE
TABLE 8-2:
REGISTERS ASSOCIATED WITH COMPARATOR MODULE
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR
Value on
All Other
Resets
03h
STATUS
GPWUF
CWUF
—TO
PD
ZDC
C
00-1 1xxx qq0q quuu
07h
CMCON0
CMPOUT COUTEN
POL
CMPT0CS CMPON CNREF CPREF CWU
1111 1111 uuuu uuuu
N/A
TRISGPIO
—
—
—
—
I/O Control Register
---- 1111 ---- 1111
Legend:
x
= Unknown, u = Unchanged, – = Unimplemented, read as ‘0’, q = Depends on condition.
VA
RS < 10 k
Ω
AIN
CPIN
5pF
VDD
VT = 0.6V
VT = 0.6V
RIC
ILEAKAGE
±500 nA
VSS
Legend: CPIN
= Input Capacitance
VT
= Threshold Voltage
ILEAKAGE = Leakage Current at the Pin
RIC
= Interconnect Resistance
RS
= Source Impedance
VA
= Analog Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com