Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC10F200-E/P Datasheet(PDF) 43 Page - Microchip Technology

Part # PIC10F200-E/P
Description  6-Pin, 8-Bit Flash Microcontrollers
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10F200-E/P Datasheet(HTML) 43 Page - Microchip Technology

Back Button PIC10F200-E/P Datasheet HTML 39Page - Microchip Technology PIC10F200-E/P Datasheet HTML 40Page - Microchip Technology PIC10F200-E/P Datasheet HTML 41Page - Microchip Technology PIC10F200-E/P Datasheet HTML 42Page - Microchip Technology PIC10F200-E/P Datasheet HTML 43Page - Microchip Technology PIC10F200-E/P Datasheet HTML 44Page - Microchip Technology PIC10F200-E/P Datasheet HTML 45Page - Microchip Technology PIC10F200-E/P Datasheet HTML 46Page - Microchip Technology PIC10F200-E/P Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 96 page
background image
© 2007 Microchip Technology Inc.
DS41239D-page 41
PIC10F200/202/204/206
9.0
SPECIAL FEATURES OF THE
CPU
What sets a microcontroller apart from other proces-
sors are special circuits that deal with the needs of real-
time
applications.
The
PIC10F200/202/204/206
microcontrollers have a host of such features intended
to maximize system reliability, minimize cost through
elimination of external components, provide power-
saving operating modes and offer code protection.
These features are:
• Reset:
- Power-on Reset (POR)
- Device Reset Timer (DRT)
- Watchdog Timer (WDT)
- Wake-up from Sleep on pin change
- Wake-up from Sleep on comparator change
• Sleep
• Code Protection
• ID Locations
• In-Circuit Serial Programming™
•Clock Out
The PIC10F200/202/204/206 devices have a Watch-
dog Timer, which can be shut off only through Configu-
ration bit WDTE. It runs off of its own RC oscillator for
added reliability. When using INTRC, there is an 18 ms
delay only on VDD power-up. With this timer on-chip,
most applications need no external Reset circuitry.
The Sleep mode is designed to offer a very low-current
Power-Down mode. The user can wake-up from Sleep
through a change on input pins, wake-up from
comparator change, or through a Watchdog Timer
time-out.
9.1
Configuration Bits
The PIC10F200/202/204/206 Configuration Words
consist of 12 bits. Configuration bits can be pro-
grammed to select various device configurations. One
bit is the Watchdog Timer enable bit, one bit is the
MCLR enable bit and one bit is for code protection (see
Register 9-1).
REGISTER 9-1:
CONFIGURATION WORD FOR PIC10F200/202/204/206(1), (2)
—
—
—
—
—
—
—
MCLRE
CP
WDTE
—
—
bit 11
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 11-5 Unimplemented: Read as ‘0’
bit 4
MCLRE: GP3/MCLR Pin Function Select bit
1 = GP3/MCLR pin function is MCLR
0 = GP3/MCLR pin function is digital I/O, MCLR internally tied to VDD
bit 3
CP: Code Protection bit
1 = Code protection off
0 = Code protection on
bit 2
WDTE: Watchdog Timer Enable bit
1 = WDT enabled
0 = WDT disabled
bit 1-0
Reserved: Read as ‘0’
Note 1:
Refer to the “PIC10F200/202/204/206 Memory Programming Specifications” (DS41228) to determine how
to access the Configuration Word. The Configuration Word is not user addressable during device
operation.
2:
INTRC is the only oscillator mode offered on the PIC10F200/202/204/206.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com