Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F648A-E/ML Datasheet(PDF) 70 Page - Microchip Technology

Part # PIC16F648A-E/ML
Description  Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F648A-E/ML Datasheet(HTML) 70 Page - Microchip Technology

Back Button PIC16F648A-E/ML Datasheet HTML 66Page - Microchip Technology PIC16F648A-E/ML Datasheet HTML 67Page - Microchip Technology PIC16F648A-E/ML Datasheet HTML 68Page - Microchip Technology PIC16F648A-E/ML Datasheet HTML 69Page - Microchip Technology PIC16F648A-E/ML Datasheet HTML 70Page - Microchip Technology PIC16F648A-E/ML Datasheet HTML 71Page - Microchip Technology PIC16F648A-E/ML Datasheet HTML 72Page - Microchip Technology PIC16F648A-E/ML Datasheet HTML 73Page - Microchip Technology PIC16F648A-E/ML Datasheet HTML 74Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 178 page
background image
PIC16F627A/628A/648A
DS40044F-page 68
© 2007 Microchip Technology Inc.
FIGURE 11-1:
VOLTAGE REFERENCE BLOCK DIAGRAM
EXAMPLE 11-1:
VOLTAGE REFERENCE
CONFIGURATION
11.2
Voltage Reference Accuracy/Error
The full range of VSS to VDD cannot be realized due to
the construction of the module. The transistors on the
top and bottom of the resistor ladder network
(Figure 11-1) keep VREF from approaching VSS or VDD.
The Voltage Reference module is VDD derived and
therefore, the VREF output changes with fluctuations in
VDD. The tested absolute accuracy of the Voltage Ref-
erence module can be found in Table 17-3.
11.3
Operation During Sleep
When the device wakes up from Sleep through an
interrupt or a Watchdog Timer time out, the contents of
the VRCON register are not affected. To minimize
current consumption in Sleep mode, the Voltage
Reference module should be disabled.
11.4
Effects of a Reset
A device Reset disables the Voltage Reference module
by clearing bit VREN (VRCON<7>). This Reset also
disconnects the reference from the RA2 pin by clearing
bit VROE (VRCON<6>) and selects the high voltage
range by clearing bit VRR (VRCON<5>). The VREF
value select bits, VRCON<3:0>, are also cleared.
11.5
Connection Considerations
The Voltage Reference module operates independently
of the Comparator module. The output of the reference
generator may be connected to the RA2 pin if the
TRISA<2> bit is set and the VROE bit, VRCON<6>, is
set. Enabling the Voltage Reference module output onto
the RA2 pin with an input signal present will increase
current consumption. Connecting RA2 as a digital output
with VREF enabled will also increase current consump-
tion.
The RA2 pin can be used as a simple D/A output with
limited drive capability. Due to the limited drive
capability, a buffer must be used in conjunction with the
Voltage Reference module output for external connec-
tions to VREF. Figure 11-2 shows an example buffering
technique.
Note:
R is defined in Table 17-3.
VRR
8R
VR3
VR0
(From VRCON<3:0>)
16-1 Analog Mux
8R
R
R
R
R
VREN
VREF
16 Stages
VDD
VSS
VSS
MOVLW
0x02
;4 Inputs Muxed
MOVWF
CMCON
;to 2 comps.
BSF
STATUS,RP0 ;go to Bank 1
MOVLW
0x07
;RA3-RA0 are
MOVWF
TRISA
;outputs
MOVLW
0xA6
;enable VREF
MOVWF
VRCON
;low range set VR<3:0>=6
BCF
STATUS,RP0 ;go to Bank 0
CALL
DELAY10
;10
μs delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com