Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F648A-E/ML Datasheet(PDF) 78 Page - Microchip Technology

Part # PIC16F648A-E/ML
Description  Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F648A-E/ML Datasheet(HTML) 78 Page - Microchip Technology

Back Button PIC16F648A-E/ML Datasheet HTML 74Page - Microchip Technology PIC16F648A-E/ML Datasheet HTML 75Page - Microchip Technology PIC16F648A-E/ML Datasheet HTML 76Page - Microchip Technology PIC16F648A-E/ML Datasheet HTML 77Page - Microchip Technology PIC16F648A-E/ML Datasheet HTML 78Page - Microchip Technology PIC16F648A-E/ML Datasheet HTML 79Page - Microchip Technology PIC16F648A-E/ML Datasheet HTML 80Page - Microchip Technology PIC16F648A-E/ML Datasheet HTML 81Page - Microchip Technology PIC16F648A-E/ML Datasheet HTML 82Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 178 page
background image
PIC16F627A/628A/648A
DS40044F-page 76
© 2007 Microchip Technology Inc.
TABLE 12-5:
BAUD RATES FOR ASYNCHRONOUS MODE (BRGH = 1)
BAUD
RATE (K)
FOSC = 20 MHz
SPBRG
value
(decimal)
16 MHz
SPBRG
value
(decimal)
10 MHz
SPBRG
value
(decimal)
KBAUD
ERROR
KBAUD
ERROR
KBAUD
ERROR
9600
9.615
+0.16%
129
9.615
+0.16%
103
9.615
+0.16%
64
19200
19.230
+0.16%
64
19.230
+0.16%
51
18.939
-1.36%
32
38400
37.878
-1.36%
32
38.461
+0.16%
25
39.062
+1.7%
15
57600
56.818
-1.36%
21
58.823
+2.12%
16
56.818
-1.36%
10
115200
113.636
-1.36%
10
111.111
-3.55%
8
125
+8.51%
4
250000
250
0
4
250
0
3
NA
—
—
625000
625
0
1
NA
—
—
625
0
0
1250000
1250
0
0
NA
—
—
NA
—
—
BAUD
RATE (K)
FOSC = 7.16 MHz
SPBRG
value
(decimal)
5.068 MHz
SPBRG
value
(decimal)
4 MHz
SPBRG
value
(decimal)
KBAUD
ERROR
KBAUD
ERROR
KBAUD
ERROR
9600
9.520
-0.83%
46
9598.485
0.016%
32
9615.385
0.160%
25
19200
19.454
+1.32%
22
18632.35
-2.956%
16
19230.77
0.160%
12
38400
37.286
-2.90%
11
39593.75
3.109%
7
35714.29
-6.994%
6
57600
55.930
-2.90%
7
52791.67
-8.348%
5
62500
8.507%
3
115200
111.860
-2.90%
3
105583.3
-8.348%
2
125000
8.507%
1
250000
NA
—
—
316750
26.700%
0
250000
0.000%
0
625000
NA
—
—
NA
—
—
NA
—
—
1250000
NA
—
—
NA
—
—
NA
—
—
BAUD
RATE (K)
FOSC = 3.579 MHz
SPBRG
value
(decimal)
1 MHz
SPBRG
value
(decimal)
32.768 kHz
SPBRG
value
(decimal)
KBAUD
ERROR
KBAUD
ERROR
KBAUD
ERROR
9600
9725.543
1.308%
22
8.928
-6.994%
6
NA
NA
NA
19200
18640.63
-2.913%
11
20833.3
8.507%
2
NA
NA
NA
38400
37281.25
-2.913%
5
31250
-18.620%
1
NA
NA
NA
57600
55921.88
-2.913%
3
62500
+8.507
0
NA
NA
NA
115200
111243.8
-2.913%
1
NA
—
—
NA
NA
NA
250000
223687.5
-10.525%
0
NA
—
—
NA
NA
NA
625000
NA
—
—
NA
—
—
NA
NA
NA
1250000
NA
—
—
NA
—
—
NA
NA
NA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com