Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F648A-E/ML Datasheet(PDF) 80 Page - Microchip Technology

Part # PIC16F648A-E/ML
Description  Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F648A-E/ML Datasheet(HTML) 80 Page - Microchip Technology

Back Button PIC16F648A-E/ML Datasheet HTML 76Page - Microchip Technology PIC16F648A-E/ML Datasheet HTML 77Page - Microchip Technology PIC16F648A-E/ML Datasheet HTML 78Page - Microchip Technology PIC16F648A-E/ML Datasheet HTML 79Page - Microchip Technology PIC16F648A-E/ML Datasheet HTML 80Page - Microchip Technology PIC16F648A-E/ML Datasheet HTML 81Page - Microchip Technology PIC16F648A-E/ML Datasheet HTML 82Page - Microchip Technology PIC16F648A-E/ML Datasheet HTML 83Page - Microchip Technology PIC16F648A-E/ML Datasheet HTML 84Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 178 page
background image
PIC16F627A/628A/648A
DS40044F-page 78
© 2007 Microchip Technology Inc.
FIGURE 12-1:
USART TRANSMIT BLOCK DIAGRAM
Follow these steps when setting up an Asynchronous
Transmission:
1.
TRISB<1> and TRISB<2> should both be set to
‘1’ to configure the RB1/RX/DT and RB2/TX/CK
pins as inputs. Output drive, when required, is
controlled by the peripheral circuitry.
2.
Initialize the SPBRG register for the appropriate
baud rate. If a high-speed baud rate is desired,
set bit BRGH. (Section 12.1 “USART Baud
Rate Generator (BRG)”).
3.
Enable the asynchronous serial port by clearing
bit SYNC and setting bit SPEN.
4.
If interrupts are desired, then set enable bit
TXIE.
5.
If 9-bit transmission is desired, then set transmit
bit TX9.
6.
Enable the transmission by setting bit TXEN,
which will also set bit TXIF.
7.
If 9-bit transmission is selected, the ninth bit
should be loaded in bit TX9D.
8.
Load data to the TXREG register (starts
transmission).
FIGURE 12-2:
ASYNCHRONOUS TRANSMISSION
TXIF
TXIE
Interrupt
TXEN
Baud Rate CLK
SPBRG
Baud Rate Generator
TX9D
MSb
LSb
Data Bus
TXREG register
TSR register
(8)
0
TX9
TRMT
SPEN
RB2/TX/CK pin
Pin Buffer
and Control
8
² ² ²
Word 1
Stop bit
Word 1
Transmit Shift Reg.
Start bit
bit 0
bit 1
bit 7/8
Write to TXREG
Word 1
BRG output
(shift clock)
RB2/TX/CK (pin)
TXIF bit
(Transmit buffer
reg. empty flag)
TRMT bit
(Transmit shift
reg. empty flag)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com