Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F648A-E/ML Datasheet(PDF) 95 Page - Microchip Technology

Part # PIC16F648A-E/ML
Description  Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F648A-E/ML Datasheet(HTML) 95 Page - Microchip Technology

Back Button PIC16F648A-E/ML Datasheet HTML 91Page - Microchip Technology PIC16F648A-E/ML Datasheet HTML 92Page - Microchip Technology PIC16F648A-E/ML Datasheet HTML 93Page - Microchip Technology PIC16F648A-E/ML Datasheet HTML 94Page - Microchip Technology PIC16F648A-E/ML Datasheet HTML 95Page - Microchip Technology PIC16F648A-E/ML Datasheet HTML 96Page - Microchip Technology PIC16F648A-E/ML Datasheet HTML 97Page - Microchip Technology PIC16F648A-E/ML Datasheet HTML 98Page - Microchip Technology PIC16F648A-E/ML Datasheet HTML 99Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 178 page
background image
© 2007 Microchip Technology Inc.
DS40044F-page 93
PIC16F627A/628A/648A
13.8
Data EEPROM Operation During
Code-Protect
When the device is code-protected, the CPU is able to
read and write data to the data EEPROM.
TABLE 13-1:
REGISTERS/BITS ASSOCIATED WITH DATA EEPROM
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
Power-on
Reset
Value on all
other
Resets
9Ah
EEDATA
EEPROM Data Register
xxxx xxxx
uuuu uuuu
9Bh
EEADR
EEPROM Address Register
xxxx xxxx
uuuu uuuu
9Ch
EECON1
—
—
—
—
WRERR
WREN
WR
RD
---- x000
---- q000
9Dh
EECON2(1) EEPROM Control Register 2
---- ----
---- ----
Legend:
x
= unknown, u = unchanged, - = unimplemented read as ‘0’, q = value depends upon condition.
Shaded cells are not used by data EEPROM.
Note
1:
EECON2 is not a physical register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com