Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F23K20-E/SPSQTP Datasheet(PDF) 33 Page - Microchip Technology

Part # PIC18F23K20-E/SPSQTP
Description  28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K20-E/SPSQTP Datasheet(HTML) 33 Page - Microchip Technology

Back Button PIC18F23K20-E/SPSQTP Datasheet HTML 29Page - Microchip Technology PIC18F23K20-E/SPSQTP Datasheet HTML 30Page - Microchip Technology PIC18F23K20-E/SPSQTP Datasheet HTML 31Page - Microchip Technology PIC18F23K20-E/SPSQTP Datasheet HTML 32Page - Microchip Technology PIC18F23K20-E/SPSQTP Datasheet HTML 33Page - Microchip Technology PIC18F23K20-E/SPSQTP Datasheet HTML 34Page - Microchip Technology PIC18F23K20-E/SPSQTP Datasheet HTML 35Page - Microchip Technology PIC18F23K20-E/SPSQTP Datasheet HTML 36Page - Microchip Technology PIC18F23K20-E/SPSQTP Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 420 page
background image
© 2007 Microchip Technology Inc.
Advance Information
DS41303B-page 31
PIC18F2XK20/4XK20
2.5.2.1
OSCTUNE Register
The HFINTOSC is factory calibrated but can be
adjusted in software by writing to the TUN<5:0> bits of
the OSCTUNE register (Register 2-2).
The default value of the TUN<5:0> is ‘000000’. The
value is a 6-bit two’s complement number.
When
the
OSCTUNE
register
is
modified,
the
HFINTOSC frequency will begin shifting to the new
frequency. Code execution continues during this shift.
There is no indication that the shift has occurred.
OSCTUNE does not affect the LFINTOSC frequency.
Operation of features that depend on the LFINTOSC
clock source frequency, such as the Power-up Timer
(PWRT), Watchdog Timer (WDT), Fail-Safe Clock Mon-
itor (FSCM) and peripherals, are not affected by the
change in frequency.
The OSCTUNE register also implements the INTSRC
and PLLEN bits, which control certain features of the
internal oscillator block.
The INTSRC bit allows users to select which internal
oscillator provides the clock source when the 31 kHz
frequency option is selected. This is covered in greater
detail in Section 2.2.3 “Low Frequency Selection”.
The PLLEN bit controls the operation of the frequency
multiplier, PLL, in internal oscillator modes. For more
details about the function of the PLLEN bit see
Section 2.6.2 “PLL in HFINTOSC Modes”
REGISTER 2-2:
OSCTUNE: OSCILLATOR TUNING REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
INTSRC
PLLEN(1)
TUN5
TUN4
TUN3
TUN2
TUN1
TUN0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
INTSRC: Internal Oscillator Low-Frequency Source Select bit
1
= 31.25 kHz device clock derived from 16 MHz HFINTOSC source (divide-by-512 enabled)
0
= 31 kHz device clock derived directly from LFINTOSC internal oscillator
bit 6
PLLEN: Frequency Multiplier PLL for HFINTOSC Enable bit(1)
1
= PLL enabled for HFINTOSC (8 MHz and 16 MHz only)
0
= PLL disabled
bit 5-0
TUN<5:0>: Frequency Tuning bits
011111
= Maximum frequency
011110
=
• • •
000001
=
000000
= Oscillator module is running at the factory calibrated frequency.
111111
=
• • •
100000
= Minimum frequency
Note 1:
The PLLEN bit is active only when the HFINTOSC is the primary clock source (FOSC<2:0> = 100X) and
the selected frequency is 8 MHz or 16 MHz. Otherwise, the PLLEN bit is unavailable and always reads ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com