Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F23K20-E/SPSQTP Datasheet(PDF) 81 Page - Microchip Technology

Part # PIC18F23K20-E/SPSQTP
Description  28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K20-E/SPSQTP Datasheet(HTML) 81 Page - Microchip Technology

Back Button PIC18F23K20-E/SPSQTP Datasheet HTML 77Page - Microchip Technology PIC18F23K20-E/SPSQTP Datasheet HTML 78Page - Microchip Technology PIC18F23K20-E/SPSQTP Datasheet HTML 79Page - Microchip Technology PIC18F23K20-E/SPSQTP Datasheet HTML 80Page - Microchip Technology PIC18F23K20-E/SPSQTP Datasheet HTML 81Page - Microchip Technology PIC18F23K20-E/SPSQTP Datasheet HTML 82Page - Microchip Technology PIC18F23K20-E/SPSQTP Datasheet HTML 83Page - Microchip Technology PIC18F23K20-E/SPSQTP Datasheet HTML 84Page - Microchip Technology PIC18F23K20-E/SPSQTP Datasheet HTML 85Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 420 page
background image
© 2007 Microchip Technology Inc.
Advance Information
DS41303B-page 79
PIC18F2XK20/4XK20
SPBRGH
EUSART Baud Rate Generator Register, High Byte
0000 0000
59, 227
SPBRG
EUSART Baud Rate Generator Register, Low Byte
0000 0000
59, 227
RCREG
EUSART Receive Register
0000 0000
59, 228
TXREG
EUSART Transmit Register
0000 0000
59, 227
TXSTA
CSRC
TX9
TXEN
SYNC
SENDB
BRGH
TRMT
TX9D
0000 0010
59, 236
RCSTA
SPEN
RX9
SREN
CREN
ADDEN
FERR
OERR
RX9D
0000 000x
59, 237
EEADR
EEADR7
EEADR6
EEADR5
EEADR4
EEADR3
EEADR2
EEADR1
EEADR0
0000 0000
59, 88, 97
EEADRH
—
—
—
—
—
—
EEADR9
EEADR8
---- --00
59, 88, 97
EEDATA
EEPROM Data Register
0000 0000
59, 88, 97
EECON2
EEPROM Control Register 2 (not a physical register)
0000 0000
59, 88, 97
EECON1
EEPGD
CFGS
—
FREE
WRERR
WREN
WR
RD
xx-0 x000
59, 89, 97
IPR2
OSCFIP
C1IP
C2IP
EEIP
BCLIP
HLVDIP
TMR3IP
CCP2IP
1111 1111
60, 113
PIR2
OSCFIF
C1IF
C2IF
EEIF
BCLIF
HLVDIF
TMR3IF
CCP2IF
0000 0000
60, 109
PIE2
OSCFIE
C1IE
C2IE
EEIE
BCLIE
HLVDIE
TMR3IE
CCP2IE
0000 0000
60, 111
IPR1
PSPIP(2)
ADIP
RCIP
TXIP
SSPIP
CCP1IP
TMR2IP
TMR1IP
1111 1111
60, 112
PIR1
PSPIF(2)
ADIF
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF
TMR1IF
0000 0000
60, 108
PIE1
PSPIE(2)
ADIE
RCIE
TXIE
SSPIE
CCP1IE
TMR2IE
TMR1IE
0000 0000
60, 110
OSCTUNE
INTSRC
PLLEN(3)
TUN5
TUN4
TUN3
TUN2
TUN1
TUN0
0q00 0000
31, 60
TRISE(2)
IBF
OBF
IBOV
PSPMODE
—
TRISE2
TRISE1
TRISE0
0000 -111
60, 130
TRISD(2)
PORTD Data Direction Control Register
1111 1111
60, 126
TRISC
PORTC Data Direction Control Register
1111 1111
60, 123
TRISB
PORTB Data Direction Control Register
1111 1111
60, 120
TRISA
TRISA7(5)
TRISA6(5)
Data Direction Control Register for PORTA
1111 1111
60, 117
LATE(2)
—
—
—
—
—
PORTE Data Latch Register
(Read and Write to Data Latch)
---- -xxx
60, 129
LATD(2)
PORTD Data Latch Register (Read and Write to Data Latch)
xxxx xxxx
60, 126
LATC
PORTC Data Latch Register (Read and Write to Data Latch)
xxxx xxxx
60, 123
LATB
PORTB Data Latch Register (Read and Write to Data Latch)
xxxx xxxx
60, 120
LATA
LATA7(5)
LATA6(5)
PORTA Data Latch Register (Read and Write to Data Latch)
xxxx xxxx
60, 117
PORTE
—
—
—
—RE3(4)
RE2(2)
RE1(2)
RE0(2)
---- x000
60, 129
PORTD(2)
RD7
RD6
RD5
RD4
RD3
RD2
RD1
RD0
xxxx xxxx
60, 126
PORTC
RC7
RC6
RC5
RC4
RC3
RC2
RC1
RC0
xxxx xxxx
60, 123
PORTB
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0
xxx0 0000
60, 120
PORTA
RA7(5)
RA6(5)
RA5
RA4
RA3
RA2
RA1
RA0
xx0x 0000
60, 117
ANSELH(6)
—
—
—
ANS12
ANS11
ANS10
ANS9
ANS8
---1 1111
60, 133
ANSEL
ANS7(2)
ANS6(2)
ANS5(2)
ANS4
ANS3
ANS2
ANS1
ANS0
1111 1111
60, 132
IOCB
IOCB7
IOCB6
IOCB5
IOCB4
—
—
—
—
0000 ----
60, 120
WPUB
WPUB7
WPUB6
WPUB5
WPUB4
WPUB3
WPUB2
WPUB1
WPUB0
1111 1111
60, 120
CM1CON0
C1ON
C1OUT
C1OE
C1POL
C1SP
C1R
C1CH1
C1CH0
0000 0000
60, 274
CM2CON0
C2ON
C2OUT
C2OE
C2POL
C2SP
C2R
C2CH1
C2CH0
0000 0000
60, 275
CM2CON1
MC1OUT
MC2OUT
C1RSEL
C2RSEL
—
—
—
—
0000 ----
61, 277
SLRCON
—
—
—
SLRE
SLRD
SLRC
SLRB
SLRA
---1 1111
61, 134
SSPMSK
MSK7
MSK6
MSK5
MSK4
MSK3
MSK2
MSK1
MSK0
1111 1111
61, 204
TABLE 5-2:
REGISTER FILE SUMMARY (PIC18F2XK20/4XK20) (CONTINUED)
File Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Details
on page:
Legend:
x
= unknown, u = unchanged, — = unimplemented, q = value depends on condition
Note
1:
The SBOREN bit is only available when the BOREN<1:0> Configuration bits = 01; otherwise it is disabled and reads as ‘0’. See
Section 4.4 “Brown-out Reset (BOR)”.
2:
These registers and/or bits are not implemented on 28-pin devices and are read as ‘0’. Reset values are shown for 40/44-pin devices;
individual unimplemented bits should be interpreted as ‘-’.
3:
The PLLEN bit is only available in specific oscillator configuration; otherwise it is disabled and reads as ‘0’. See Section 2.6.2 “PLL in
HFINTOSC Modes”.
4:
The RE3 bit is only available when Master Clear Reset is disabled (MCLRE Configuration bit = 0). Otherwise, RE3 reads as ‘0’. This bit is
read-only.
5:
RA6/RA7 and their associated latch and direction bits are individually configured as port pins based on various primary oscillator modes.
When disabled, these bits read as ‘0’.
6:
All bits of the ANSELH register initialize to ‘0’ if the PBADEN bit of CONFIG3H is ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com