Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F23K20-E/SPSQTP Datasheet(PDF) 34 Page - Microchip Technology

Part # PIC18F23K20-E/SPSQTP
Description  28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K20-E/SPSQTP Datasheet(HTML) 34 Page - Microchip Technology

Back Button PIC18F23K20-E/SPSQTP Datasheet HTML 30Page - Microchip Technology PIC18F23K20-E/SPSQTP Datasheet HTML 31Page - Microchip Technology PIC18F23K20-E/SPSQTP Datasheet HTML 32Page - Microchip Technology PIC18F23K20-E/SPSQTP Datasheet HTML 33Page - Microchip Technology PIC18F23K20-E/SPSQTP Datasheet HTML 34Page - Microchip Technology PIC18F23K20-E/SPSQTP Datasheet HTML 35Page - Microchip Technology PIC18F23K20-E/SPSQTP Datasheet HTML 36Page - Microchip Technology PIC18F23K20-E/SPSQTP Datasheet HTML 37Page - Microchip Technology PIC18F23K20-E/SPSQTP Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 420 page
background image
PIC18F2XK20/4XK20
DS41303B-page 32
Advance Information
© 2007 Microchip Technology Inc.
2.5.3
LFINTOSC
The Low-Frequency Internal Oscillator (LFINTOSC) is
a 31 kHz internal clock source.
The output of the LFINTOSC connects to internal
oscillator block frequency selection multiplexer (see
Figure 2-1). Select 31 kHz, via software, using the
IRCF<2:0> bits of the OSCCON register and the
INTSRC
bit
of
the
OSCTUNE
register.
See
Section 2.5.4 “Frequency Select Bits (IRCF)” for
more information. The LFINTOSC is also the frequency
for the Power-up Timer (PWRT), Watchdog Timer
(WDT) and Fail-Safe Clock Monitor (FSCM).
The LFINTOSC is enabled when any of the following
are enabled:
• IRCF<2:0> bits of the OSCCON register = 000 and
INTSRC bit of the OSCTUNE register = 1
• Power-up Timer (PWRT)
• Watchdog Timer (WDT)
• Fail-Safe Clock Monitor (FSCM)
2.5.4
FREQUENCY SELECT BITS (IRCF)
The output of the 16 MHz HFINTOSC and 31 kHz
LFINTOSC connects to a postscaler and multiplexer
(see Figure 2-1). The Internal Oscillator Frequency
Select bits IRCF<2:0> of the OSCCON register select
the output frequency of the internal oscillators. One of
eight frequencies can be selected via software:
•16 MHz
•8 MHz
•4 MHz
•2 MHz
• 1 MHz (Default after Reset)
• 500 kHz
• 250 kHz
• 31 kHz (LFINTOSC or HFINTOSC/512)
2.5.5
HFINTOSC FREQUENCY DRIFT
The factory calibrates the internal oscillator block output
(HFINTOSC) for 16 MHz. However, this frequency may
drift as VDD or temperature changes, which can affect the
controller operation in a variety of ways. It is possible to
adjust the HFINTOSC frequency by modifying the value
of the TUN<5:0> bits in the OSCTUNE register. This has
no effect on the LFINTOSC clock source frequency.
Tuning the HFINTOSC source requires knowing when to
make the adjustment, in which direction it should be
made and in some cases, how large a change is
needed. Three possible compensation techniques are
discussed in the following sections, however other tech-
niques may be used.
2.5.5.1
Compensating with the USART
An adjustment may be required when the USART
begins to generate framing errors or receives data with
errors while in Asynchronous mode. Framing errors
indicate that the device clock frequency is too high; to
adjust for this, decrement the value in OSCTUNE to
reduce the clock frequency. On the other hand, errors
in data may suggest that the clock speed is too low; to
compensate, increment OSCTUNE to increase the
clock frequency.
2.5.5.2
Compensating with the Timers
This technique compares device clock speed to some
reference clock. Two timers may be used; one timer is
clocked by the peripheral clock, while the other is
clocked by a fixed reference source, such as the
Timer1 oscillator.
Both timers are cleared, but the timer clocked by the
reference generates interrupts. When an interrupt
occurs, the internally clocked timer is read and both
timers are cleared. If the internally clocked timer value
is greater than expected, then the internal oscillator
block is running too fast. To adjust for this, decrement
the OSCTUNE register.
2.5.5.3
Compensating with the CCP Module
in Capture Mode
A CCP module can use free running Timer1 (or Timer3),
clocked by the internal oscillator block and an external
event with a known period (i.e., AC power frequency).
The time of the first event is captured in the
CCPRxH:CCPRxL registers and is recorded for use later.
When the second event causes a capture, the time of the
first event is subtracted from the time of the second
event. Since the period of the external event is known,
the time difference between events can be calculated.
If the measured time is much greater than the calcu-
lated time, the internal oscillator block is running too
fast; to compensate, decrement the OSCTUNE register.
If the measured time is much less than the calculated
time, the internal oscillator block is running too slow; to
compensate, increment the OSCTUNE register.
Note:
Following any Reset, the IRCF<2:0> bits of
the OSCCON register are set to ‘011’ and
the frequency selection is set to 1 MHz.
The user can modify the IRCF bits to
select a different frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com