Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F23K20-E/SPSQTP Datasheet(PDF) 95 Page - Microchip Technology

Part # PIC18F23K20-E/SPSQTP
Description  28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K20-E/SPSQTP Datasheet(HTML) 95 Page - Microchip Technology

Back Button PIC18F23K20-E/SPSQTP Datasheet HTML 91Page - Microchip Technology PIC18F23K20-E/SPSQTP Datasheet HTML 92Page - Microchip Technology PIC18F23K20-E/SPSQTP Datasheet HTML 93Page - Microchip Technology PIC18F23K20-E/SPSQTP Datasheet HTML 94Page - Microchip Technology PIC18F23K20-E/SPSQTP Datasheet HTML 95Page - Microchip Technology PIC18F23K20-E/SPSQTP Datasheet HTML 96Page - Microchip Technology PIC18F23K20-E/SPSQTP Datasheet HTML 97Page - Microchip Technology PIC18F23K20-E/SPSQTP Datasheet HTML 98Page - Microchip Technology PIC18F23K20-E/SPSQTP Datasheet HTML 99Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 420 page
background image
© 2007 Microchip Technology Inc.
Advance Information
DS41303B-page 93
PIC18F2XK20/4XK20
6.5
Writing to Flash Program Memory
The programming block size is 8, 32 or 64 bytes,
depending on the device (See Table 6-1). Word or byte
programming is not supported.
Table writes are used internally to load the holding
registers needed to program the Flash memory. There
are only as many holding registers as there are bytes
in a write block (See Table 6-1).
Since the Table Latch (TABLAT) is only a single byte,
the TBLWT instruction may need to be executed 8, 32,
or 64 times, depending on the device, for each pro-
gramming operation. All of the table write operations
will essentially be short writes because only the holding
registers are written. After all the holding registers have
been written, the programming operation of that block
of memory is started by configuring the EECON1 regis-
ter for a program memory write and performing the long
write sequence.
The long write is necessary for programming the inter-
nal Flash. Instruction execution is halted during a long
write cycle. The long write will be terminated by the
internal programming timer.
The EEPROM on-chip timer controls the write time.
The write/erase voltages are generated by an on-chip
charge pump, rated to operate over the voltage range
of the device.
FIGURE 6-5:
TABLE WRITES TO FLASH PROGRAM MEMORY
6.5.1
FLASH PROGRAM MEMORY WRITE
SEQUENCE
The sequence of events for programming an internal
program memory location should be:
1.
Read 64 bytes into RAM.
2.
Update data values in RAM as necessary.
3.
Load Table Pointer register with address being
erased.
4.
Execute the block erase procedure.
5.
Load Table Pointer register with address of first
byte being written.
6.
Write the 8, 32 or 64 byte block into the holding
registers with auto-increment.
7.
Set the EECON1 register for the write operation:
• set EEPGD bit to point to program memory;
• clear the CFGS bit to access program memory;
• set WREN to enable byte writes.
8.
Disable interrupts.
9.
Write 55h to EECON2.
10. Write 0AAh to EECON2.
11. Set the WR bit. This will begin the write cycle.
12. The CPU will stall for duration of the write (about
2 ms using internal timer).
13. Re-enable interrupts.
14. Repeat steps 6 to 13 for each block until all 64
bytes are written.
15. Verify the memory (table read).
This procedure will require about 6 ms to update each
write block of memory. An example of the required code
is given in Example 6-3.
Note:
The default value of the holding registers on
device Resets and after write operations is
FFh. A write of FFh to a holding register
does not modify that byte. This means that
individual bytes of program memory may be
modified, provided that the change does not
attempt to change any bit from a ‘0’ to a ‘1’.
When modifying individual bytes, it is not
necessary to load all holding registers
before executing a long write operation.
TABLAT
TBLPTR = xxxxYY
(1)
TBLPTR = xxxx01
TBLPTR = xxxx00
Write Register
TBLPTR = xxxx02
Program Memory
Holding Register
Holding Register
Holding Register
Holding Register
8
8
8
8
Note 1: YY = x7, xF, or 1F for 8, 16 or 32 byte write blocks, respectively.
Note:
Before setting the WR bit, the Table
Pointer address needs to be within the
intended address range of the bytes in the
holding registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com