Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F23K20-E/SPSQTP Datasheet(PDF) 106 Page - Microchip Technology

Part # PIC18F23K20-E/SPSQTP
Description  28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K20-E/SPSQTP Datasheet(HTML) 106 Page - Microchip Technology

Back Button PIC18F23K20-E/SPSQTP Datasheet HTML 102Page - Microchip Technology PIC18F23K20-E/SPSQTP Datasheet HTML 103Page - Microchip Technology PIC18F23K20-E/SPSQTP Datasheet HTML 104Page - Microchip Technology PIC18F23K20-E/SPSQTP Datasheet HTML 105Page - Microchip Technology PIC18F23K20-E/SPSQTP Datasheet HTML 106Page - Microchip Technology PIC18F23K20-E/SPSQTP Datasheet HTML 107Page - Microchip Technology PIC18F23K20-E/SPSQTP Datasheet HTML 108Page - Microchip Technology PIC18F23K20-E/SPSQTP Datasheet HTML 109Page - Microchip Technology PIC18F23K20-E/SPSQTP Datasheet HTML 110Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 420 page
background image
PIC18F2XK20/4XK20
DS41303B-page 104
Advance Information
© 2007 Microchip Technology Inc.
FIGURE 9-1:
PIC18 INTERRUPT LOGIC
TMR0IE
GIEH/GIE
GIEL/PEIE
Wake-up if in
Interrupt to CPU
Vector to Location
0008h
INT2IF
INT2IE
INT2IP
INT1IF
INT1IE
INT1IP
TMR0IF
TMR0IE
TMR0IP
RBIF
RBIE
RBIP
IPEN
TMR0IF
TMR0IP
INT1IF
INT1IE
INT1IP
INT2IF
INT2IE
INT2IP
RBIF
RBIE
RBIP
INT0IF
INT0IE
GIEL/PEIE
Interrupt to CPU
Vector to Location
IPEN
IPEN
0018h
SSPIF
SSPIE
SSPIP
SSPIF
SSPIE
SSPIP
ADIF
ADIE
ADIP
RCIF
RCIE
RCIP
Additional Peripheral Interrupts
ADIF
ADIE
ADIP
High Priority Interrupt Generation
Low Priority Interrupt Generation
RCIF
RCIE
RCIP
Additional Peripheral Interrupts
Idle or Sleep modes
GIEH/GIE
Note
1:
The RBIF interrupt also requires the individual pin IOCB enables.
(1)
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com