Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F23K20-E/SPSQTP Datasheet(PDF) 121 Page - Microchip Technology

Part # PIC18F23K20-E/SPSQTP
Description  28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K20-E/SPSQTP Datasheet(HTML) 121 Page - Microchip Technology

Back Button PIC18F23K20-E/SPSQTP Datasheet HTML 117Page - Microchip Technology PIC18F23K20-E/SPSQTP Datasheet HTML 118Page - Microchip Technology PIC18F23K20-E/SPSQTP Datasheet HTML 119Page - Microchip Technology PIC18F23K20-E/SPSQTP Datasheet HTML 120Page - Microchip Technology PIC18F23K20-E/SPSQTP Datasheet HTML 121Page - Microchip Technology PIC18F23K20-E/SPSQTP Datasheet HTML 122Page - Microchip Technology PIC18F23K20-E/SPSQTP Datasheet HTML 123Page - Microchip Technology PIC18F23K20-E/SPSQTP Datasheet HTML 124Page - Microchip Technology PIC18F23K20-E/SPSQTP Datasheet HTML 125Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 420 page
background image
© 2007 Microchip Technology Inc.
Advance Information
DS41303B-page 119
PIC18F2XK20/4XK20
TABLE 10-2:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTA
OSC1/CLKIN/RA7
RA7
0
O
DIG
LATA<7> data output. Disabled in external oscillator modes.
1
I
TTL
PORTA<7> data input. Disabled in external oscillator modes.
OSC1
x
I
ANA
Main oscillator input connection.
CLKIN
x
I
ANA
Main clock input connection.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Values
on page
PORTA
RA7(1)
RA6(1)
RA5
RA4
RA3
RA2
RA1
RA0
60
LATA
LATA7(1)
LATA6(1) PORTA Data Latch Register (Read and Write to Data Latch)
60
TRISA
TRISA7(1) TRISA6(1) PORTA Data Direction Control Register
60
ANSEL
ANS7(2)
ANS6(2)
ANS5(2)
ANS4
ANS3
ANS2
ANS1
ANS0
60
SLRCON
—
—
—
SLRE
SLRD
SLRC
SLRB
SLRA
61
CM1CON
C1ON
C1OUT
C1OE
C1POL
C1SP
C1R
C1CH1
C1CH0
60
CM2CON
C2ON
C2OUT
C2OE
C2POL
C2SP
C2R
C2CH1
C2CH0
60
CVRCON
CVREN
CVROE
CVRR
CVRSS
CVR3
CVR2
CVR1
CVR0
59
Legend: — = unimplemented, read as ‘0’. Shaded cells are not used by PORTA.
Note 1:
RA<7:6> and their associated latch and data direction bits are enabled as I/O pins based on oscillator
configuration; otherwise, they are read as ‘0’.
2:
Not implemented on PIC18F2XK20 devices.
TABLE 10-1:
PORTA I/O SUMMARY (CONTINUED)
Pin
Function
TRIS
Setting
I/O
I/O
Type
Description
Legend:
DIG = Digital level output; TTL = TTL input buffer; ST = Schmitt Trigger input buffer; ANA = Analog level input/output;
x
= Don’t care (TRIS bit does not affect port direction or is overridden for this option).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com