Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F23K20-E/SPSQTP Datasheet(PDF) 135 Page - Microchip Technology

Part # PIC18F23K20-E/SPSQTP
Description  28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K20-E/SPSQTP Datasheet(HTML) 135 Page - Microchip Technology

Back Button PIC18F23K20-E/SPSQTP Datasheet HTML 131Page - Microchip Technology PIC18F23K20-E/SPSQTP Datasheet HTML 132Page - Microchip Technology PIC18F23K20-E/SPSQTP Datasheet HTML 133Page - Microchip Technology PIC18F23K20-E/SPSQTP Datasheet HTML 134Page - Microchip Technology PIC18F23K20-E/SPSQTP Datasheet HTML 135Page - Microchip Technology PIC18F23K20-E/SPSQTP Datasheet HTML 136Page - Microchip Technology PIC18F23K20-E/SPSQTP Datasheet HTML 137Page - Microchip Technology PIC18F23K20-E/SPSQTP Datasheet HTML 138Page - Microchip Technology PIC18F23K20-E/SPSQTP Datasheet HTML 139Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 420 page
background image
© 2007 Microchip Technology Inc.
Advance Information
DS41303B-page 133
PIC18F2XK20/4XK20
REGISTER 10-3:
ANSELH: ANALOG SELECT REGISTER 2
U-0
U-0
U-0
R/W-1(1)
R/W-1(1)
R/W-1(1)
R/W-1(1)
R/W-1(1)
—
—
—
ANS12
ANS11
ANS10
ANS9
ANS8
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-5
Unimplemented: Read as ‘0’
bit 4
ANS12: RB0 Analog Select Control bit
1
= Digital input buffer of RB0 is disabled
0
= Digital input buffer of RB0 is enabled
bit 3
ANS11: RB4 Analog Select Control bit
1
= Digital input buffer of RB4 is disabled
0
= Digital input buffer of RB4 is enabled
bit 2
ANS10: RB1 Analog Select Control bit
1
= Digital input buffer of RB1 is disabled
0
= Digital input buffer of RB1 is enabled
bit 1
ANS9: RB3 Analog Select Control bit
1
= Digital input buffer of RB3 is disabled
0
= Digital input buffer of RB3 is enabled
bit 0
ANS8: RB2 Analog Select Control bit
1
= Digital input buffer of RB2 is disabled
0
= Digital input buffer of RB2 is enabled
Note 1:
Default state is determined by the PBADEN bit of CONFIG3H. The default state is ‘0’ When
PBADEN = ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com