Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F23K20-E/SPSQTP Datasheet(PDF) 185 Page - Microchip Technology

Part # PIC18F23K20-E/SPSQTP
Description  28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K20-E/SPSQTP Datasheet(HTML) 185 Page - Microchip Technology

Back Button PIC18F23K20-E/SPSQTP Datasheet HTML 181Page - Microchip Technology PIC18F23K20-E/SPSQTP Datasheet HTML 182Page - Microchip Technology PIC18F23K20-E/SPSQTP Datasheet HTML 183Page - Microchip Technology PIC18F23K20-E/SPSQTP Datasheet HTML 184Page - Microchip Technology PIC18F23K20-E/SPSQTP Datasheet HTML 185Page - Microchip Technology PIC18F23K20-E/SPSQTP Datasheet HTML 186Page - Microchip Technology PIC18F23K20-E/SPSQTP Datasheet HTML 187Page - Microchip Technology PIC18F23K20-E/SPSQTP Datasheet HTML 188Page - Microchip Technology PIC18F23K20-E/SPSQTP Datasheet HTML 189Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 420 page
background image
© 2007 Microchip Technology Inc.
Advance Information
DS41303B-page 183
PIC18F2XK20/4XK20
TABLE 16-2:
REGISTERS ASSOCIATED WITH ECCP1 MODULE AND TIMER1 TO TIMER3
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Values
on page
INTCON
GIE/GIEH
PEIE/GIEL
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
57
RCON
IPEN
SBOREN
—
RI
TO
PD
POR
BOR
56
PIR1
PSPIF
ADIF
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF
TMR1IF
60
PIE1
PSPIE
ADIE
RCIE
TXIE
SSPIE
CCP1IE
TMR2IE
TMR1IE
60
IPR1
PSPIP
ADIP
RCIP
TXIP
SSPIP
CCP1IP
TMR2IP
TMR1IP
60
PIR2
OSCFIF
C1IF
C2IF
EEIF
BCLIF
HLVDIF
TMR3IF
CCP2IF
60
PIE2
OSCFIE
C1IE
C2IE
EEIE
BCLIE
HLVDIE
TMR3IE
CCP2IE
60
IPR2
OSCFIP
C1IP
C2IP
EEIP
BCLIP
HLVDIP
TMR3IP
CCP2IP
60
TRISB
PORTB Data Direction Control Register
60
TRISC
PORTC Data Direction Control Register
60
TRISD
PORTD Data Direction Control Register
60
TMR1L
Timer1 Register, Low Byte
58
TMR1H
Timer1 Register, High Byte
58
T1CON
RD16
T1RUN
T1CKPS1
T1CKPS0
T1OSCEN
T1SYNC
TMR1CS
TMR1ON
58
TMR2
Timer2 Register
58
T2CON
—
T2OUTPS3 T2OUTPS2 T2OUTPS1 T2OUTPS0 TMR2ON
T2CKPS1 T2CKPS0
58
PR2
Timer2 Period Register
58
TMR3L
Timer3 Register, Low Byte
59
TMR3H
Timer3 Register, High Byte
59
T3CON
RD16
T3CCP2
T3CKPS1
T3CKPS0
T3CCP1
T3SYNC
TMR3CS
TMR3ON
59
CCPR1L
Capture/Compare/PWM Register 1, Low Byte
59
CCPR1H
Capture/Compare/PWM Register 1, High Byte
59
CCP1CON
P1M1(1)
P1M0(1)
DC1B1
DC1B0
CCP1M3
CCP1M2
CCP1M1
CCP1M0
59
ECCP1AS
ECCPASE
ECCPAS2
ECCPAS1
ECCPAS0
PSSAC1
PSSAC0
PSSBD1(1) PSSBD0(1)
59
PWM1CON
PRSEN
PDC6(1)
PDC5(1)
PDC4(1)
PDC3(1)
PDC2(1)
PDC1(1)
PDC0(1)
59
Legend:
— = unimplemented, read as ‘0’. Shaded cells are not used during ECCP operation.
Note 1:
These bits are unimplemented on 28-pin devices; always maintain these bits clear.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com