Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24HJ12GP201E/P Datasheet(PDF) 135 Page - Microchip Technology

Part # PIC24HJ12GP201E/P
Description  High-Performance, 16-Bit Microcontrollers
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24HJ12GP201E/P Datasheet(HTML) 135 Page - Microchip Technology

Back Button PIC24HJ12GP201E/P Datasheet HTML 131Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 132Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 133Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 134Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 135Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 136Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 137Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 138Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 139Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 234 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS70282B-page 133
PIC24HJ12GP201/202
15.0 INTER-INTEGRATED CIRCUIT
(I2C)
The Inter-Integrated Circuit (I2C) module provides
complete hardware support for both Slave and Multi-
Master modes of the I2C serial communication
standard, with a 16-bit interface.
The I2C module has a 2-pin interface:
• The SCLx pin is clock
• The SDAx pin is data
The I2C module offers the following key features:
•I2C interface supporting both Master and Slave
modes of operation
•I2C Slave mode supports 7 and 10-bit address
•I2C Master mode supports 7 and 10-bit address
•I2C port allows bidirectional transfers between
master and slaves
• Serial clock synchronization for I2C port can be
used as a handshake mechanism to suspend and
resume serial transfer (SCLREL control)
•I2C supports multi-master operation, detects bus
collision and arbitrates accordingly
15.1
Operating Modes
The hardware fully implements all the master and slave
functions of the I2C Standard and Fast mode
specifications, as well as 7 and 10-bit addressing.
The I2C module can operate either as a slave or a
master on an I2C bus.
The following types of I2C operation are supported:
•I2C slave operation with 7-bit address
•I2C slave operation with 10-bit address
•I2C master operation with 7 or 10-bit address
For details about the communication sequence in each
of these modes, refer to the “PIC24H Family Reference
Manual”. Please see the Microchip web site
(www.microchip.com) for the latest PIC24H Family
Reference Manual chapters.
15.2
I2C Registers
I2CxCON and I2CxSTAT are control and status
registers, respectively. The I2CxCON register is
readable and writable. The lower six bits of I2CxSTAT
are read-only. The remaining bits of the I2CSTAT are
read/write.
• I2CxRSR is the shift register used for shifting data
• I2CxRCV is the receive buffer and the register to
which data bytes are written, or from which data
bytes are read
• I2CxTRN is the transmit register to which bytes
are written during a transmit operation
• The I2CxADD register holds the slave address
• A status bit, ADD10, indicates 10-bit Address
mode
• I2CxBRG acts as the Baud Rate Generator
(BRG) reload value
In receive operations, I2CxRSR and I2CxRCV together
form a double-buffered receiver. When I2CxRSR
receives a complete byte, it is transferred to I2CxRCV,
and an interrupt pulse is generated.
15.3
I2C Interrupts
The I2C module generates two interrupt flags:
• MI2CxIF (I2C Master Events Interrupt flag)
• SI2CxIF (I2C Slave Events Interrupt flag).
A separate interrupt is generated for all I2C error
conditions.
15.4
Baud Rate Generator
In I2C Master mode, the reload value for the Baud Rate
Generator (BRG) is located in the I2CxBRG register.
When the BRG is loaded with this value, the BRG
counts down to zero and stops until another reload has
taken place. If clock arbitration is taking place, for
example, the BRG is reloaded when the SCLx pin is
sampled high.
As per the I2C standard, FSCL can be 100 kHz or
400 kHz. However, the user application can specify any
baud rate up to 1 MHz. I2CxBRG values of ‘0’ or ‘1’ are
illegal.
EQUATION 15-1:
SERIAL CLOCK RATE
Note:
This data sheet summarizes the features
of the PIC24HJ12GP201/202 devices. It is
not intended to be a comprehensive
reference source. To complement the
information in this data sheet, refer to the
“PIC24H Family Reference Manual”.
Please see the Microchip web site
(www.microchip.com)
for
the
latest
PIC24H
Family
Reference
Manual
chapters.
I2CxBRG =
FCY
FCY
FSCL
10,000,000
– 1
–
(
)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com