Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24HJ12GP201E/P Datasheet(PDF) 138 Page - Microchip Technology

Part # PIC24HJ12GP201E/P
Description  High-Performance, 16-Bit Microcontrollers
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24HJ12GP201E/P Datasheet(HTML) 138 Page - Microchip Technology

Back Button PIC24HJ12GP201E/P Datasheet HTML 134Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 135Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 136Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 137Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 138Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 139Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 140Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 141Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 142Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 234 page
background image
PIC24HJ12GP201/202
DS70282B-page 136
Preliminary
© 2007 Microchip Technology Inc.
15.11 Slope Control
The I2C standard requires slope control on the SDAx
and SCLx signals for Fast mode (400 kHz). The control
bit, DISSLW, enables the user application to disable
slew rate control if desired. It is necessary to disable
the slew rate control for 1 MHz mode.
15.12 Clock Arbitration
Clock arbitration occurs when the master deasserts the
SCLx pin (SCLx allowed to float high) during any
receive, transmit or Restart/Stop condition. When the
SCLx pin is allowed to float high, the BRG is sus-
pended from counting until the SCLx pin is actually
sampled high. When the SCLx pin is sampled high, the
BRG is reloaded with the contents of I2CxBRG and
begins counting. This process ensures that the SCLx
high time will always be at least one BRG rollover count
in the event that the clock is held low by an external
device.
15.13 Multi-Master Communication, Bus
Collision and Bus Arbitration
Multi-Master mode support is achieved by bus
arbitration. When the master outputs address/data bits
onto the SDAx pin, arbitration takes place when the
master outputs a ‘1’ on SDAx by letting SDAx float high
while another master asserts a ‘0’. When the SCLx pin
floats high, data should be stable. If the expected data
on SDAx is a ‘1’ and the data sampled on the
SDAx pin = 0, then a bus collision has taken place. The
master will set the I2C master events interrupt flag and
reset the master portion of the I2C port to its Idle state.
15.14 Peripheral Pin Select Limitations
The I2C module has limited peripheral pin select func-
tionality. When the ACTI2C bit in the FPOR configura-
tion register is set to ‘1‘, the module uses the SDAx/
SCLx pins. If the ALTI2C bit is ‘0‘
, the module uses the
ASDAx/ASCLx pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com