Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24HJ12GP201E/P Datasheet(PDF) 193 Page - Microchip Technology

Part # PIC24HJ12GP201E/P
Description  High-Performance, 16-Bit Microcontrollers
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24HJ12GP201E/P Datasheet(HTML) 193 Page - Microchip Technology

Back Button PIC24HJ12GP201E/P Datasheet HTML 189Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 190Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 191Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 192Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 193Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 194Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 195Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 196Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 197Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 234 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS70282B-page 191
PIC24HJ12GP201/202
TABLE 21-13: INTERNAL VOLTAGE REGULATOR SPECIFICATIONS
TABLE 21-12: DC CHARACTERISTICS: PROGRAM MEMORY
DC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
-40°C
≤ TA ≤ +125°C for Extended
Param
No.
Symbol
Characteristic
Min
Typ(1)
Max
Units
Conditions
Program Flash Memory
D130
EP
Cell Endurance
10,000
—
—
E/W -40
°C to +125°C
D131
VPR
VDD for Read
VMIN
—3.6
V
VMIN = Minimum operating
voltage
D132B
VPEW
VDD for Self-Timed Write
VMIN
—3.6
V
VMIN = Minimum operating
voltage
D134
TRETD
Characteristic Retention
20
—
—
Year Provided no other specifications
are violated
D135
IDDP
Supply Current during
Programming
—10
—
mA
D136
TRW
Row Write Time
—
1.6
—
ms
D137
TPE
Page Erase Time
—
20
—
ms
D138
TWW
Word Write Cycle Time
20
—
40
μs
Note 1: Data in “Typ” column is at 3.3V, 25°C unless otherwise stated.
Operating Conditions: -40°C < TA < +85°C (unless otherwise stated)
Param
No.
Symbol
Characteristics
Min
Typ
Max
Units
Comments
CEFC
External Filter Capacitor
Value
110
—
μF
Capacitor must be low
series resistance
(< 5 ohms)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com