Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24HJ12GP201E/P Datasheet(PDF) 195 Page - Microchip Technology

Part # PIC24HJ12GP201E/P
Description  High-Performance, 16-Bit Microcontrollers
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24HJ12GP201E/P Datasheet(HTML) 195 Page - Microchip Technology

Back Button PIC24HJ12GP201E/P Datasheet HTML 191Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 192Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 193Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 194Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 195Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 196Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 197Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 198Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 199Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 234 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS70282B-page 193
PIC24HJ12GP201/202
FIGURE 21-2:
EXTERNAL CLOCK TIMING
TABLE 21-16: EXTERNAL CLOCK TIMING REQUIREMENTS
AC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
-40°C
≤ TA ≤ +125°C for Extended
Param
No.
Symb
Characteristic
Min
Typ(1)
Max
Units
Conditions
OS10
FIN
External CLKI Frequency
(External clocks allowed only
in EC and ECPLL modes)
DC
—
40
MHz
EC
Oscillator Crystal Frequency
3.5
10
—
—
—
—
10
40
33
MHz
MHz
kHz
XT
HS
SOSC
OS20
TOSC
TOSC = 1/FOSC
12.5
—
DC
ns
OS25
TCY
Instruction Cycle Time(2)
25
—
DC
ns
OS30
TosL,
TosH
External Clock in (OSC1)
High or Low Time
0.375 x TOSC
—
0.625 x TOSC
ns
EC
OS31
TosR,
TosF
External Clock in (OSC1)
Rise or Fall Time
—
—
20
ns
EC
OS40
TckR
CLKO Rise Time(3)
—5.2
—
ns
OS41
TckF
CLKO Fall Time(3)
—5.2
—
ns
Note 1:
Data in “Typ” column is at 3.3V, 25°C unless otherwise stated.
2:
Instruction cycle period (TCY) equals two times the input oscillator time-base period. All specified values
are based on characterization data for that particular oscillator type under standard operating conditions
with the device executing code. Exceeding these specified limits can result in an unstable oscillator
operation and/or higher than expected current consumption. All devices are tested to operate at “min.”
values with an external clock applied to the OSC1/CLKI pin. When an external clock input is used, the
“max.” cycle time limit is “DC” (no clock) for all devices.
3:
Measurements are taken in EC mode. The CLKO signal is measured on the OSC2 pin.
Q1
Q2
Q3
Q4
OSC1
CLKO
Q1
Q2
Q3
Q4
OS20
OS25
OS30
OS30
OS40
OS41
OS31
OS31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com