Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F883-E/MLSQTP Datasheet(PDF) 216 Page - Microchip Technology

Part # PIC16F883-E/MLSQTP
Description  28/40/44-Pin, Enhanced Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F883-E/MLSQTP Datasheet(HTML) 216 Page - Microchip Technology

Back Button PIC16F883-E/MLSQTP Datasheet HTML 212Page - Microchip Technology PIC16F883-E/MLSQTP Datasheet HTML 213Page - Microchip Technology PIC16F883-E/MLSQTP Datasheet HTML 214Page - Microchip Technology PIC16F883-E/MLSQTP Datasheet HTML 215Page - Microchip Technology PIC16F883-E/MLSQTP Datasheet HTML 216Page - Microchip Technology PIC16F883-E/MLSQTP Datasheet HTML 217Page - Microchip Technology PIC16F883-E/MLSQTP Datasheet HTML 218Page - Microchip Technology PIC16F883-E/MLSQTP Datasheet HTML 219Page - Microchip Technology PIC16F883-E/MLSQTP Datasheet HTML 220Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 288 page
background image
PIC16F882/883/884/886/887
DS41291D-page 214
Preliminary
© 2007 Microchip Technology Inc.
CCPR2H
1Ch
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCP2CON
1Dh
--00 0000
--00 0000
--uu uuuu
ADRESH
1Eh
xxxx xxxx
uuuu uuuu
uuuu uuuu
ADCON0
1Fh
00-0 0000
00-0 0000
uu-u uuuu
OPTION_REG
81h/181h
1111 1111
1111 1111
uuuu uuuu
TRISA
85h
1111 1111
1111 1111
uuuu uuuu
TRISB
86h/186h
1111 1111
1111 1111
uuuu uuuu
TRISC
87h
1111 1111
1111 1111
uuuu uuuu
TRISD
88h
1111 1111
1111 1111
uuuu uuuu
TRISE
89h
---- 1111
---- 1111
---- uuuu
PIE1
8Ch
0000 0000
0000 0000
uuuu uuuu
PIE2
8Dh
0000 0000
0000 0000
uuuu uuuu
PCON
8Eh
--01 --0x
--0u --uu(1, 5)
--uu --uu
OSCCON
8Fh
-110 q000
-110 q000
-uuu uuuu
OSCTUNE
90h
---0 0000
---u uuuu
---u uuuu
SSPCON2
91h
0000 0000
0000 0000
uuuu uuuu
PR2
92h
1111 1111
1111 1111
1111 1111
SSPADD(6)
93h
0000 0000
0000 0000
uuuu uuuu
SSPMSK(6)
93h
1111 1111
1111 1111
1111 1111
SSPSTAT
94h
0000 0000
0000 0000
uuuu uuuu
WPUB
95h
1111 1111
1111 1111
uuuu uuuu
IOCB
96h
0000 0000
0000 0000
uuuu uuuu
VRCON
97h
0000 0000
0000 0000
uuuu uuuu
TXSTA
98h
0000 -010
0000 -010
uuuu -uuu
SPBRG
99h
0000 0000
0000 0000
uuuu uuuu
SPBRGH
9Ah
0000 0000
0000 0000
uuuu uuuu
PWM1CON
9Bh
0000 0000
0000 0000
uuuu uuuu
ECCPAS
9Ch
0000 0000
0000 0000
uuuu uuuu
PSTRCON
9Dh
---0 0001
---0 0001
---u uuuu
ADRESL
9Eh
xxxx xxxx
uuuu uuuu
uuuu uuuu
ADCON1
9Fh
0-00 ----
0-00 ----
u-uu ----
WDTCON
105h
---0 1000
---0 1000
---u uuuu
CM1CON0
107h
0000 0-00
0000 0-00
uuuu u-uu
CM2CON0
108h
0000 0-00
0000 0-00
uuuu u-uu
TABLE 14-4:
INITIALIZATION CONDITION FOR REGISTER (CONTINUED)
Register
Address
Power-on
Reset
MCLR Reset
WDT Reset (Continued)
Brown-out Reset(1)
Wake-up from Sleep through
Interrupt
Wake-up from Sleep through
WDT Time-out (Continued)
Legend: u = unchanged, x = unknown, – = unimplemented bit, reads as ‘0’, q = value depends on condition.
Note 1:
If VDD goes too low, Power-on Reset will be activated and registers will be affected differently.
2:
One or more bits in INTCON and/or PIR1 will be affected (to cause wake-up).
3:
When the wake-up is due to an interrupt and the GIE bit is set, the PC is loaded with the interrupt
vector (0004h).
4:
See Table 14-5 for Reset value for specific condition.
5:
If Reset was due to brown-out, then bit 0 = 0. All other Resets will cause bit 0 = u.
6:
Accessible only when SSPCON register bits SSPM<3:0> = 1001.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com