Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F883-E/MLSQTP Datasheet(PDF) 219 Page - Microchip Technology

Part # PIC16F883-E/MLSQTP
Description  28/40/44-Pin, Enhanced Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F883-E/MLSQTP Datasheet(HTML) 219 Page - Microchip Technology

Back Button PIC16F883-E/MLSQTP Datasheet HTML 215Page - Microchip Technology PIC16F883-E/MLSQTP Datasheet HTML 216Page - Microchip Technology PIC16F883-E/MLSQTP Datasheet HTML 217Page - Microchip Technology PIC16F883-E/MLSQTP Datasheet HTML 218Page - Microchip Technology PIC16F883-E/MLSQTP Datasheet HTML 219Page - Microchip Technology PIC16F883-E/MLSQTP Datasheet HTML 220Page - Microchip Technology PIC16F883-E/MLSQTP Datasheet HTML 221Page - Microchip Technology PIC16F883-E/MLSQTP Datasheet HTML 222Page - Microchip Technology PIC16F883-E/MLSQTP Datasheet HTML 223Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 288 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS41291D-page 217
PIC16F882/883/884/886/887
14.3.2
TIMER0 INTERRUPT
An overflow (FFh
→ 00h) in the TMR0 register will set
the T0IF (INTCON<2>) bit. The interrupt can be
enabled/disabled by setting/clearing T0IE (INTCON<5>)
bit. See Section 5.0 “Timer0 Module” for operation of
the Timer0 module.
14.3.3
PORTB INTERRUPT
An input change on PORTB change sets the RBIF
(INTCON<0>) bit. The interrupt can be enabled/
disabled by setting/clearing the RBIE (INTCON<3>)
bit. Plus, individual pins can be configured through the
IOCB register.
FIGURE 14-7:
INTERRUPT LOGIC
Note:
If a change on the I/O pin should occur
when the read operation is being executed
(start of the Q2 cycle), then the RBIF inter-
rupt
flag
may
not
get
set.
See
Section 3.4.3 “Interrupt-on-Change” for
more information.
C1IF
C1IE
T0IF
T0IE
INTF
INTE
RBIF
RBIE
GIE
PEIE
Wake-up (If in Sleep mode)(1)
Interrupt to CPU
EEIE
EEIF
ADIF
ADIE
IOC-RB0
IOCB0
IOC-RB1
IOCB1
IOC-RB2
IOCB2
IOC-RB3
IOCB3
CCP1IF
CCP1IE
OSFIF
OSFIE
C2IF
C2IE
IOC-RB4
IOCB4
IOC-RB5
IOCB5
IOC-RB6
IOCB6
IOC-RB7
IOCB7
RCIF
RCIE
TMR2IE
TMR2IF
SSPIE
SSPIF
TXIE
TXIF
TMR1IE
TMR1IF
Note
1:
Some peripherals depend upon the
system clock for operation. Since the
system clock is suspended during
Sleep, these peripherals will not wake
the part from Sleep. See Section 14.6.1
“Wake-up from Sleep”.
BCLIE
BCLIF
ULPWUIF
ULPWUIE
CCP2IF
CCP2IE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com