Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F883-E/MLSQTP Datasheet(PDF) 217 Page - Microchip Technology

Part # PIC16F883-E/MLSQTP
Description  28/40/44-Pin, Enhanced Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F883-E/MLSQTP Datasheet(HTML) 217 Page - Microchip Technology

Back Button PIC16F883-E/MLSQTP Datasheet HTML 213Page - Microchip Technology PIC16F883-E/MLSQTP Datasheet HTML 214Page - Microchip Technology PIC16F883-E/MLSQTP Datasheet HTML 215Page - Microchip Technology PIC16F883-E/MLSQTP Datasheet HTML 216Page - Microchip Technology PIC16F883-E/MLSQTP Datasheet HTML 217Page - Microchip Technology PIC16F883-E/MLSQTP Datasheet HTML 218Page - Microchip Technology PIC16F883-E/MLSQTP Datasheet HTML 219Page - Microchip Technology PIC16F883-E/MLSQTP Datasheet HTML 220Page - Microchip Technology PIC16F883-E/MLSQTP Datasheet HTML 221Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 288 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS41291D-page 215
PIC16F882/883/884/886/887
TABLE 14-5:
INITIALIZATION CONDITION FOR SPECIAL REGISTERS
CM2CON1
109h
0000 0--0
0000 0--0
uuuu u--u
EEDAT
10Ch
0000 0000
0000 0000
uuuu uuuu
EEADR
10Dh
0000 0000
0000 0000
uuuu uuuu
EEDATH
10Eh
--00 0000
--00 0000
--uu uuuu
EEADRH
10Fh
---0 0000
---0 0000
---u uuuu
SRCON
185h
0000 00-0
0000 00-0
uuuu uu-u
BAUDCTL
187h
01-0 0-00
01-0 0-00
uu-u u-uu
ANSEL
188h
1111 1111
1111 1111
uuuu uuuu
ANSELH
189h
1111 1111
1111 1111
uuuu uuuu
EECON1
18Ch
---- x000
---- q000
---- uuuu
EECON2
18Dh
---- ----
---- ----
---- ----
Condition
Program
Counter
Status
Register
PCON
Register
Power-on Reset
000h
0001 1xxx
--01 --0x
MCLR Reset during normal operation
000h
000u uuuu
--0u --uu
MCLR Reset during Sleep
000h
0001 0uuu
--0u --uu
WDT Reset
000h
0000 uuuu
--0u --uu
WDT Wake-up
PC + 1
uuu0 0uuu
--uu --uu
Brown-out Reset
000h
0001 1uuu
--01 --u0
Interrupt Wake-up from Sleep
PC + 1(1)
uuu1 0uuu
--uu --uu
Legend: u = unchanged, x = unknown, — = unimplemented bit, reads as ‘0’.
Note 1:
When the wake-up is due to an interrupt and Global Interrupt Enable bit, GIE, is set, the PC is loaded with
the interrupt vector (0004h) after execution of PC + 1.
TABLE 14-4:
INITIALIZATION CONDITION FOR REGISTER (CONTINUED)
Register
Address
Power-on
Reset
MCLR Reset
WDT Reset (Continued)
Brown-out Reset(1)
Wake-up from Sleep through
Interrupt
Wake-up from Sleep through
WDT Time-out (Continued)
Legend: u = unchanged, x = unknown, – = unimplemented bit, reads as ‘0’, q = value depends on condition.
Note 1:
If VDD goes too low, Power-on Reset will be activated and registers will be affected differently.
2:
One or more bits in INTCON and/or PIR1 will be affected (to cause wake-up).
3:
When the wake-up is due to an interrupt and the GIE bit is set, the PC is loaded with the interrupt
vector (0004h).
4:
See Table 14-5 for Reset value for specific condition.
5:
If Reset was due to brown-out, then bit 0 = 0. All other Resets will cause bit 0 = u.
6:
Accessible only when SSPCON register bits SSPM<3:0> = 1001.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com