Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F883-E/MLSQTP Datasheet(PDF) 218 Page - Microchip Technology

Part # PIC16F883-E/MLSQTP
Description  28/40/44-Pin, Enhanced Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F883-E/MLSQTP Datasheet(HTML) 218 Page - Microchip Technology

Back Button PIC16F883-E/MLSQTP Datasheet HTML 214Page - Microchip Technology PIC16F883-E/MLSQTP Datasheet HTML 215Page - Microchip Technology PIC16F883-E/MLSQTP Datasheet HTML 216Page - Microchip Technology PIC16F883-E/MLSQTP Datasheet HTML 217Page - Microchip Technology PIC16F883-E/MLSQTP Datasheet HTML 218Page - Microchip Technology PIC16F883-E/MLSQTP Datasheet HTML 219Page - Microchip Technology PIC16F883-E/MLSQTP Datasheet HTML 220Page - Microchip Technology PIC16F883-E/MLSQTP Datasheet HTML 221Page - Microchip Technology PIC16F883-E/MLSQTP Datasheet HTML 222Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 288 page
background image
PIC16F882/883/884/886/887
DS41291D-page 216
Preliminary
© 2007 Microchip Technology Inc.
14.3
Interrupts
The PIC16F882/883/884/886/887 has multiple inter-
rupt sources:
• External Interrupt RB0/INT
• Timer0 Overflow Interrupt
• PORTB Change Interrupts
• 2 Comparator Interrupts
• A/D Interrupt
• Timer1 Overflow Interrupt
• Timer2 Match Interrupt
• EEPROM Data Write Interrupt
• Fail-Safe Clock Monitor Interrupt
• Enhanced CCP Interrupt
• EUSART Receive and Transmit Interrupts
• Ultra Low-Power Wake-up Interrupt
• MSSP Interrupt
The Interrupt Control register (INTCON) and Peripheral
Interrupt Request Register 1 (PIR1) record individual
interrupt requests in flag bits. The INTCON register
also has individual and global interrupt enable bits.
A Global Interrupt Enable bit, GIE (INTCON<7>),
enables (if set) all unmasked interrupts, or disables (if
cleared) all interrupts. Individual interrupts can be
disabled through their corresponding enable bits in the
INTCON, PIE1 and PIE2 registers, respectively. GIE is
cleared on Reset.
The Return from Interrupt instruction, RETFIE, exits
the interrupt routine, as well as sets the GIE bit, which
re-enables unmasked interrupts.
The following interrupt flags are contained in the
INTCON register:
• INT Pin Interrupt
• PORTB Change Interrupts
• Timer0 Overflow Interrupt
The peripheral interrupt flags are contained in the PIR1
and PIR2 registers. The corresponding interrupt enable
bits are contained in PIE1 and PIE2 registers.
The following interrupt flags are contained in the PIR1
register:
• A/D Interrupt
• EUSART Receive and Transmit Interrupts
• Timer1 Overflow Interrupt
• Synchronous Serial Port (SSP) Interrupt
• Enhanced CCP1 Interrupt
• Timer1 Overflow Interrupt
• Timer2 Match Interrupt
The following interrupt flags are contained in the PIR2
register:
• Fail-Safe Clock Monitor Interrupt
• 2 Comparator Interrupts
• EEPROM Data Write Interrupt
• Ultra Low-Power Wake-up Interrupt
• CCP2 Interrupt
When an interrupt is serviced:
• The GIE is cleared to disable any further interrupt.
• The return address is pushed onto the stack.
• The PC is loaded with 0004h.
For external interrupt events, such as the INT pin,
PORTB change interrupts, the interrupt latency will be
three or four instruction cycles. The exact latency
depends upon when the interrupt event occurs (see
Figure 14-8). The latency is the same for one or two-
cycle instructions. Once in the Interrupt Service
Routine, the source(s) of the interrupt can be
determined by polling the interrupt flag bits. The
interrupt flag bit(s) must be cleared in software before
re-enabling interrupts to avoid multiple interrupt
requests.
For
additional
information
on
Timer1,
Timer2,
comparators, A/D, data EEPROM, EUSART, MSSP or
Enhanced CCP modules, refer to the respective
peripheral section.
14.3.1
RB0/INT INTERRUPT
External interrupt on RB0/INT pin is edge-triggered;
either rising if the INTEDG bit (OPTION_REG<6>) is
set, or falling, if the INTEDG bit is clear. When a valid
edge appears on the RB0/INT pin, the INTF bit
(INTCON<1>) is set. This interrupt can be disabled by
clearing the INTE control bit (INTCON<4>). The INTF
bit must be cleared in software in the Interrupt Service
Routine before re-enabling this interrupt. The RB0/INT
interrupt can wake-up the processor from Sleep, if the
INTE bit was set prior to going into Sleep. The status of
the GIE bit decides whether or not the processor
branches to the interrupt vector following wake-up
(0004h). See Section 14.6 “Power-Down Mode
(Sleep)” for details on Sleep and Figure 14-10 for
timing of wake-up from Sleep through RB0/INT
interrupt.
Note 1: Individual interrupt flag bits are set,
regardless
of
the
status
of
their
corresponding mask bit or the GIE bit.
2: When an instruction that clears the GIE
bit is executed, any interrupts that were
pending for execution in the next cycle
are ignored. The interrupts, which were
ignored, are still pending to be serviced
when the GIE bit is set again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com