Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HD64338024 Datasheet(PDF) 61 Page - Renesas Technology Corp

Part # HD64338024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64338024 Datasheet(HTML) 61 Page - Renesas Technology Corp

Back Button HD64338024 Datasheet HTML 57Page - Renesas Technology Corp HD64338024 Datasheet HTML 58Page - Renesas Technology Corp HD64338024 Datasheet HTML 59Page - Renesas Technology Corp HD64338024 Datasheet HTML 60Page - Renesas Technology Corp HD64338024 Datasheet HTML 61Page - Renesas Technology Corp HD64338024 Datasheet HTML 62Page - Renesas Technology Corp HD64338024 Datasheet HTML 63Page - Renesas Technology Corp HD64338024 Datasheet HTML 64Page - Renesas Technology Corp HD64338024 Datasheet HTML 65Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 697 page
background image
Section 1 Overview
Rev. 7.00 Mar 10, 2005 page 19 of 652
REJ09B0042-0700
1.3.2
Pin Functions
Table 1.5 outlines the pin functions of the H8/38024 Group.
Table 1.5
Pin Functions
Pin No.
Type
Symbol
FP-80A
TFP-80C
FP-80B TLP-85V
Pad
No.*
1
Pad
No.*
2
Pad
No.*
3
I/O
Name and Functions
Power
source
pins
VCC
52
54
E8
53
54
52
Input
Power supply: All VCC
pins should be connected
to the system power
supply.
VSS
8
(= AVSS)
53
10
(= AVSS)
55
D8
E1
(= AVSS)
9
54
10
55
8
53
Input
Ground: All VSS pins
should be connected to
the system power supply
(0 V).
AVCC
1
3
B1
12
1Input
Analog power supply:
This is the power supply
pin for the A/D converter.
When the A/D converter
is not used, connect this
pin to the system power
supply.
AVSS
8 (= VSS)10
(= VSS)
E1
(= VSS)
89
8Input
Analog ground: This is
the A/D converter ground
pin. It should be
connected to the system
power supply (0V).
V1
V2
V3
51
50
49
53
52
51
F9
E9
F8
52
51
50
53
52
51
51
50
49
Input
LCD power supply:
These are the power
supply pins for the LCD
controller/driver.
CVCC*
4
4
—
—
—
—
—
Input
Power supply: This is
the internal step-down
power supply pin. To
ensure stability, a
capacitor with a rating of
about 0.1 µF should be
connected between this
pin and the VSS pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com