Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HD64338024 Datasheet(PDF) 65 Page - Renesas Technology Corp

Part # HD64338024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64338024 Datasheet(HTML) 65 Page - Renesas Technology Corp

Back Button HD64338024 Datasheet HTML 61Page - Renesas Technology Corp HD64338024 Datasheet HTML 62Page - Renesas Technology Corp HD64338024 Datasheet HTML 63Page - Renesas Technology Corp HD64338024 Datasheet HTML 64Page - Renesas Technology Corp HD64338024 Datasheet HTML 65Page - Renesas Technology Corp HD64338024 Datasheet HTML 66Page - Renesas Technology Corp HD64338024 Datasheet HTML 67Page - Renesas Technology Corp HD64338024 Datasheet HTML 68Page - Renesas Technology Corp HD64338024 Datasheet HTML 69Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 697 page
background image
Section 1 Overview
Rev. 7.00 Mar 10, 2005 page 23 of 652
REJ09B0042-0700
Pin No.
Type
Symbol
FP-80A
TFP-80C
FP-80B TLP-85V
Pad
No.*
1
Pad
No.*
2
Pad
No.*
3
I/O
Name and Functions
I/O ports
P77 to
P70
36 to 29
38 to 41 J8, J7
K6, H7
H6, J7
H6, J5
J6, H5
37 to
30
38 to
31
36 to
29
I/O
Port 7: This is an 8-bit I/O
port. Input or output can
be designated for each bit
by means of port control
register 7 (PCR7).
P87 to
P80
44 to 37
46 to 39 H9, J9
H10, J10
K8, K9
H8, K7
45 to
38
46 to
39
44 to
37
I/O
Port 8: This is an 8-bit I/O
port. Input or output can
be designated for each bit
by means of port control
register 8 (PCR8).
P95 to
P90
59 to 54
61 to 56 B10, C8
D10, C9
D9, E10
60 to
55
61 to
56
59 to
54
Output Port 9: This is a 6-bit
output port. If the on-chip
emulator is used, pin 95 is
reserved for the emulator
and not available to the
user. In the case of the
F-ZTAT version, pin 95
should not be left open in
the user mode, and
should instead be pulled
up to high level.
PA3 to
PA0
45 to 48
47 to 50 G10
G8
G9
F10
46 to
49
47 to
50
45 to
48
I/O
Port A: This is a 4-bit I/O
port. Input or output can
be designated for each bit
by means of port control
register A (PCRA).
PB7 to
PB0
80 to 73
2, 1,
80 to 75
A3, A2
C3, A4
B3, B4
A5, C4
81 to
74
1,
81 to
75
80 to
73
Input
Port B: This is an 8-bit
input port.
RXD32
70
72
B5
71
72
70
Input
SCI3 receive data input:
This is the SCI3 data
input pin.
Serial
communi-
cation
(SCI)
TXD32
71
73
B6
72
73
71
Output SCI3 transmit data
output: This is the SCI3
data output pin.
SCK32
69
71
C6
70
71
69
I/O
SCI3 clock I/O: This is
the SCI3 clock I/O pin.
A/D
converter
AN7 to
AN0
80 to 73
2, 1,
80 to 75
A3, A2
C3, A4
B3, B4
A5, C4
81 to
74
1,
81 to
75
80 to
73
Input
Analog input channels 7
to 0: These are analog
data input channels to the
A/D converte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com