Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HD64338024 Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # HD64338024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64338024 Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button HD64338024 Datasheet HTML 22Page - Renesas Technology Corp HD64338024 Datasheet HTML 23Page - Renesas Technology Corp HD64338024 Datasheet HTML 24Page - Renesas Technology Corp HD64338024 Datasheet HTML 25Page - Renesas Technology Corp HD64338024 Datasheet HTML 26Page - Renesas Technology Corp HD64338024 Datasheet HTML 27Page - Renesas Technology Corp HD64338024 Datasheet HTML 28Page - Renesas Technology Corp HD64338024 Datasheet HTML 29Page - Renesas Technology Corp HD64338024 Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 697 page
background image
Rev. 7.00 Mar 10, 2005 page xxvi of xlii
Item
Page
Revision (See Manual for Details)
16.8.2 DC
Characteristics
Table 16.21 DC
Characteristics
517
Values
Item
Symbol
Applicable
Pins
Min
Typ
Max
Unit
Test
Condition
Notes
Allowable output low
current (per pin)
IOL
Port 9
——
15.0
mA
VCC = 4.0 V to
5.5 V
——
5.0
Other than
above
16.8.3 AC
Characteristics
Table 16.22 Control
Signal Timing
519, 520
Table and notes amended
Values
Item
Symbol
Applicable
Pins
Min
Typ
Max
Unit
Test Condition
Reference
Figure
fOSC
OSC1, OSC2 2.0
—
20.0
MHz
System clock
oscillation
frequency
0.7
—
2.0
On-chip oscillator
selected
*2
OSC clock (
φOSC)
cycle time
tOSC
OSC1, OSC2 50.0
—
500
ns
Figure 16.1
500
—
1429
On-chip oscillator
selected
External clock high
width
tCPH
OSC1
20
——
ns
Figure 16.1
External clock low
width
tCPL
OSC1
20
——
ns
Figure 16.1
External clock rise
time
tCPr
OSC1
——
5
ns
F
igure 16.1
External clock fall
time
tCPf
OSC1
——
5
ns
F
igure 16.1
Values
Item
Symbol
Applicable
Pins
Min
Typ
Max
Unit
Test Condition
Reference
Figure
Input pin high
width
tIH
IRQ0, IRQ1,
IRQ3, IRQ4,
IRQAEC,
WKP0 to
WKP7, TMIC,
TMIF, TMIG,
ADTRG
2
——
tcyc
tsubcyc
Figure 16.3
AEVL, AEVH 0.5
——
tOSC
Input pin low
width
tIL
IRQ0, IRQ1,
IRQ3, IRQ4,
IRQAEC,
WKP0 to
WKP7, TMIC,
TMIF, TMIG,
ADTRG
2
——
tcyc
tsubcyc
Figure 16.3
AEVL, AEVH 0.5
——
tOSC
UD pin minimum
transition width
tUDH
tUDL
UD
4
—
—
tcyc
tsubcyc
Figure 16.6
2. These characteristics are given as ranges between minimum
and maximum values in order to account for factors such as
temperature, power supply voltage, and variation among
production lots. When designing systems, make sure to give
due consideration to the SPEC range. Please contact a
Renesas sales or support representative for actual performance
data on the product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com