| Electronic Components Datasheet Search |
|
HD64338024 Datasheet(PDF) 84 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64338024 Datasheet(HTML) 84 Page - Renesas Technology Corp |
|
84 / 697 page ![]() Section 2 CPU Rev. 7.00 Mar 10, 2005 page 42 of 652 REJ09B0042-0700 2.5.2 Arithmetic Operations Table 2.5 describes the arithmetic instructions. Table 2.5 Arithmetic Instructions Instruction Size* Function ADD SUB B/W Rd ± Rs → Rd, Rd + #IMM → Rd Performs addition or subtraction on data in two general registers, or addition on immediate data and data in a general register. Immediate data cannot be subtracted from data in a general register. Word data can be added or subtracted only when both words are in general registers. ADDX SUBX B Rd ± Rs ± C → Rd, Rd ± #IMM ± C → Rd Performs addition or subtraction with carry or borrow on byte data in two general registers, or addition or subtraction on immediate data and data in a general register. INC DEC B Rd ± 1 → Rd Increments or decrements a general register by 1. ADDS SUBS W Rd ± 1 → Rd, Rd ± 2 → Rd Adds or subtracts 1 or 2 to or from a general register DAA DAS B Rd decimal adjust → Rd Decimal-adjusts (adjusts to 4-bit BCD) an addition or subtraction result in a general register by referring to the CCR MULXU B Rd × Rs → Rd Performs 8-bit × 8-bit unsigned multiplication on data in two general registers, providing a 16-bit result DIVXU B Rd ÷ Rs → Rd Performs 16-bit ÷ 8-bit unsigned division on data in two general registers, providing an 8-bit quotient and 8-bit remainder CMP B/W Rd – Rs, Rd – #IMM Compares data in a general register with data in another general register or with immediate data, and indicates the result in the CCR. Word data can be compared only between two general registers. NEG B 0 – Rd → Rd Obtains the two’s complement (arithmetic complement) of data in a general register Notes: * Size: Operand size B: Byte W: Word |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |