Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS4525 Datasheet(PDF) 60 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital Audio Amplifier with Integrated ADC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 60 Page - Cirrus Logic

Back Button CS4525_07 Datasheet HTML 56Page - Cirrus Logic CS4525_07 Datasheet HTML 57Page - Cirrus Logic CS4525_07 Datasheet HTML 58Page - Cirrus Logic CS4525_07 Datasheet HTML 59Page - Cirrus Logic CS4525_07 Datasheet HTML 60Page - Cirrus Logic CS4525_07 Datasheet HTML 61Page - Cirrus Logic CS4525_07 Datasheet HTML 62Page - Cirrus Logic CS4525_07 Datasheet HTML 63Page - Cirrus Logic CS4525_07 Datasheet HTML 64Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 98 page
background image
60
DS726PP1
CS4525
6.4.2
Full-Bridge Output Filter (Stereo or Parallel)
Figure 27 shows the output filter for a full-bridge configuration. The transient-voltage suppression circuit
(snubber circuit) is comprised of a capacitor (680 pF) and a resistor (5.6
Ω, 1/8 W) on each output pin and
should be placed as close as possible to the corresponding PWM output pins to greatly reduce radiated
EMI. The inductors, L1, and capacitor, C1, comprise the low-pass filter. Along with the nominal load im-
pedance of the speaker, these values set the cutoff frequency of the filter. Table 20 shows the component
values based on nominal speaker (load) impedance for a corner frequency (-3 dB point) of approximately
35 kHz.
Load
L1, L2
C1
4
Ω
10 µH
1.0 µF
6
Ω
15 µH
0.47 µF
8
Ω
22 µH
0.47 µF
Table 20. Low-Pass Filter Components - Full-Bridge
OUTX+
OUTX-
C1
L1
L2
*Diode is Rohm
RB160M-30 or
equivalent
VP
VP
680 pF
5.6
Ω
680 pF
5.6
Ω
Figure 27. Output Filter - Full-Bridge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com