Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS4525 Datasheet(PDF) 70 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital Audio Amplifier with Integrated ADC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 70 Page - Cirrus Logic

Back Button CS4525_07 Datasheet HTML 66Page - Cirrus Logic CS4525_07 Datasheet HTML 67Page - Cirrus Logic CS4525_07 Datasheet HTML 68Page - Cirrus Logic CS4525_07 Datasheet HTML 69Page - Cirrus Logic CS4525_07 Datasheet HTML 70Page - Cirrus Logic CS4525_07 Datasheet HTML 71Page - Cirrus Logic CS4525_07 Datasheet HTML 72Page - Cirrus Logic CS4525_07 Datasheet HTML 73Page - Cirrus Logic CS4525_07 Datasheet HTML 74Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 98 page
background image
70
DS726PP1
CS4525
9.1.4
HP_Detect/Mute Pin Active Logic Level (HP/MutePol)
Default = 0
Function:
This bit determines the active logic level for the HP_DETECT/MUTE input signal.
9.1.5
HP_Detect/Mute Pin Mode (HP/Mute)
Default = 0
Function:
Configures the function of HP_DETECT/MUTE input pin. See “Headphone Detection & Hardware Mute
Input” on page 51 for more information.
9.1.6
Modulator Phase Shifting (PhaseShift)
Default = 0
Function:
When enabled, forces the output of the PWM modulator to output differential signals which are the inverse
of each other and have been phase shifted by 180 degrees. This causes, for instance, the differential sig-
nal pair to be exactly in phase with one another during a mute condition, thereby reducing the amount of
switching current through the load.
9.1.7
AM Frequency Shifting (FreqShift)
Default = 0
Function:
Controls the state of the PWM AM frequency shift feature. See “PWM AM Frequency Shift” on page 51
for more information.
HP/MutePol Setting
Headphone Detect/Mute Input Polarity
0 ..........................................Active low.
1 ..........................................Active high.
HP/Mute Setting
HP_DETECT/MUTE Pin Function
0 ..........................................Mute input signal.
1 ..........................................Headphone detect input signal.
PhaseShift Setting
Modulator Phase Shift State
0 ..........................................180º phase shift disabled.
1 ..........................................180º phase shift enabled.
FreqShift Setting
AM Frequency Shift State
0 ..........................................Frequency shift disabled.
1 ..........................................Frequency shift enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com