Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS4525 Datasheet(PDF) 90 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital Audio Amplifier with Integrated ADC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 90 Page - Cirrus Logic

Back Button CS4525_07 Datasheet HTML 86Page - Cirrus Logic CS4525_07 Datasheet HTML 87Page - Cirrus Logic CS4525_07 Datasheet HTML 88Page - Cirrus Logic CS4525_07 Datasheet HTML 89Page - Cirrus Logic CS4525_07 Datasheet HTML 90Page - Cirrus Logic CS4525_07 Datasheet HTML 91Page - Cirrus Logic CS4525_07 Datasheet HTML 92Page - Cirrus Logic CS4525_07 Datasheet HTML 93Page - Cirrus Logic CS4525_07 Datasheet HTML 94Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 98 page
background image
90
DS726PP1
CS4525
9.20.2 ADC Overflow Interrupt (ADCOvfl)
Function:
This bit is read only. When set, indicates that an over-range condition occurred anywhere in the CS4525
ADC signal path and has been clipped to positive or negative full scale as appropriate since the last read
of this register. This interrupt bit is an edge-triggered event and will be cleared following a read of this
register.
If this bit is set, indicating an ADC over-range condition, and the ADCOvflM bit is set, the INT pin will go
active. To determine the current overflow state of the ADC, read the ADCOvflSt bit in the interrupt status
register.
9.20.3 Channel Overflow Interrupt (ChOvfl)
Function:
This bit is read only. When set, indicates that the magnitude of an output sample on channel 1, 2, or the
Sub channel has exceeded full scale and has been clipped to positive or negative full scale as appropriate
since the last read of this register. This interrupt bit is an edge-triggered event and will be cleared following
a read of this register.
If this bit is set, indicating a channel over-range condition, and the ChOvflM bit is set, the INT pin will go
active. To determine the current overflow state of each channel, read the ChXOvflSt and SubOvflSt bits
in the interrupt status register.
9.20.4 Amplifier Error Interrupt Bit (AmpErr)
Function:
This bit is read only. When set, indicates that an error was detected in the power amplifier section since
the last read of this register. This interrupt bit is an edge-triggered event and will be cleared following a
read of this register. This bit is the logical OR of all the bits in the amplifier error status register. Read the
amplifier error status register to determine which condition occurred.
If this bit is set, indicating an amplifier stage error condition, and the AmpErrM bit is set to a ‘1’b, the INT
pin will go active. To determine the actual current state of the amplifier error condition, read the amplifier
error status register.
9.20.5 Mask for SRC State (SRCLockM)
Default = 0
Function:
This bit serves as a mask for the SRC status interrupt source. If this bit is set, the SRCLock interrupt is
unmasked, meaning that if the SRCLock bit is set, the INT pin will go active. If the SRCLockM bit is
ADCOvfl Setting
ADC Overflow Event Status
0 ..........................................ADC overflow condition has not occurred since last read of this register.
1 ..........................................ADC overflow condition has occurred since last read of this register.
ChOvfl Setting
Channel Overflow Event Status
0 ..........................................A channel overflow condition has not occurred since last read of this register.
1 ..........................................A channel overflow condition has occurred since last read of this register.
AmpErr Setting
Amplifier Error Event Status
0 ..........................................An amplifier error condition has not occurred since last read of this register.
1 ..........................................An amplifier error condition has occurred since last read of this register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com