Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F269Z2Q6 Datasheet(PDF) 69 Page - STMicroelectronics

Part # ST10F269Z2Q6
Description  16-BIT MCU WITH MAC UNIT, 128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269Z2Q6 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button ST10F269Z2Q6 Datasheet HTML 65Page - STMicroelectronics ST10F269Z2Q6 Datasheet HTML 66Page - STMicroelectronics ST10F269Z2Q6 Datasheet HTML 67Page - STMicroelectronics ST10F269Z2Q6 Datasheet HTML 68Page - STMicroelectronics ST10F269Z2Q6 Datasheet HTML 69Page - STMicroelectronics ST10F269Z2Q6 Datasheet HTML 70Page - STMicroelectronics ST10F269Z2Q6 Datasheet HTML 71Page - STMicroelectronics ST10F269Z2Q6 Datasheet HTML 72Page - STMicroelectronics ST10F269Z2Q6 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 184 page
background image
ST10F269
12 - PARALLEL PORTS
69/184
the output latch is clocked by the signal “Compare
Trigger”.
The direction of the pin should be set to output by
the user, otherwise the pin will be in the
high-impedance state and will not reflect the state
of the output latch.
As can be seen from the port structure in
Figure 26, the user software always has free
access to the port pin even when it is used as a
compare output. This is useful for setting up the
initial level of the pin when using compare mode 1
or the double-register mode. In these modes,
unlike in compare mode 3, the pin is not set to a
specific value when a compare match occurs, but
is toggled instead.
When the user wants to write to the port pin at the
same time a compare trigger tries to clock the
output latch, the write operation of the user
software has priority. Each time a CPU write
access to the port output latch occurs, the input
multiplexer of the port output latch is switched to
the line connected to the internal bus. The port
output latch will receive the value from the internal
bus and the hardware triggered change will be
lost.
As all other capture inputs, the capture input
function of pins P2.15...P2.0 can also be used as
external interrupt inputs (200ns sample rate at
40MHz CPU clock on PQFP144 devices and
250ns sample rate at 32MHz CPU clock on
TQFP144 devices).
The upper eight Port 2 lines (P2.15...P2.8) also
can serve as Fast External Interrupt inputs from
EX0IN to EX7IN (Fast external interrupt sampling
rate is 25ns at 40MHz CPU clock and 31.25ns at
32MHz CPU clock).
P2.15 in addition serves as input for CAPCOM2
timer T7 (T7IN). The Table 19 summarizes the
alternate functions of Port 2.
Table 19 : Alternate Functions of Port 2
Port 2 Pin
Alternate Function a)
Alternate Function b)
Alternate Function c)
P2.0
P2.1
P2.2
P2.3
P2.4
P2.5
P2.6
P2.7
P2.8
P2.9
P2.10
P2.11
P2.12
P2.13
P2.14
P2.15
CC0IO
CC1IO
CC2IO
CC3IO
CC4IO
CC5IO
CC6IO
CC7IO
CC8IO
CC9IO
CC10IO
CC11IO
CC12IO
CC13IO
CC14IO
CC15IO
-
-
-
-
-
-
-
-
EX0IN
Fast External Interrupt 0 Input
EX1IN
Fast External Interrupt 1 Input
EX2IN
Fast External Interrupt 2 Input
EX3IN
Fast External Interrupt 3 Input
EX4IN
Fast External Interrupt 4 Input
EX5IN
Fast External Interrupt 5 Input
EX6IN
Fast External Interrupt 6 Input
EX7IN
Fast External Interrupt 7 Input
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
T7IN T7 External Count Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com