Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F269Z2Q6 Datasheet(PDF) 71 Page - STMicroelectronics

Part # ST10F269Z2Q6
Description  16-BIT MCU WITH MAC UNIT, 128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269Z2Q6 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button ST10F269Z2Q6 Datasheet HTML 67Page - STMicroelectronics ST10F269Z2Q6 Datasheet HTML 68Page - STMicroelectronics ST10F269Z2Q6 Datasheet HTML 69Page - STMicroelectronics ST10F269Z2Q6 Datasheet HTML 70Page - STMicroelectronics ST10F269Z2Q6 Datasheet HTML 71Page - STMicroelectronics ST10F269Z2Q6 Datasheet HTML 72Page - STMicroelectronics ST10F269Z2Q6 Datasheet HTML 73Page - STMicroelectronics ST10F269Z2Q6 Datasheet HTML 74Page - STMicroelectronics ST10F269Z2Q6 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 184 page
background image
ST10F269
12 - PARALLEL PORTS
71/184
The pins of Port 2 combine internal bus data with alternate data output before the port latch input.
12.6 - Port 3
If this 15-bit port is used for general purpose I/O,
the direction of each line can be configured by the
corresponding direction register DP3. Most port
lines can be switched into push-pull or open drain
mode by the open drain control register ODP2
Figure 26 : Block Diagram of a Port 2 Pin
Open Drain
Latch
Write ODP2.y
Read ODP2.y
Direction
Latch
Write DP2.y
Read DP2.y
MUX
0
1
Alternate Data Input
Input
Latch
Clock
P2.y
CCyIO
Output
Buffer
x = 7...0
Alternate
Data
Output
MUX
0
1
Output
Latch
≥ 1
Write Port P2.y
Compare Trigger
Read P2.y
Fast External Interrupt Input
EXxIN
y = 15...0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com