Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F269Z2Q6 Datasheet(PDF) 97 Page - STMicroelectronics

Part # ST10F269Z2Q6
Description  16-BIT MCU WITH MAC UNIT, 128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269Z2Q6 Datasheet(HTML) 97 Page - STMicroelectronics

Back Button ST10F269Z2Q6 Datasheet HTML 93Page - STMicroelectronics ST10F269Z2Q6 Datasheet HTML 94Page - STMicroelectronics ST10F269Z2Q6 Datasheet HTML 95Page - STMicroelectronics ST10F269Z2Q6 Datasheet HTML 96Page - STMicroelectronics ST10F269Z2Q6 Datasheet HTML 97Page - STMicroelectronics ST10F269Z2Q6 Datasheet HTML 98Page - STMicroelectronics ST10F269Z2Q6 Datasheet HTML 99Page - STMicroelectronics ST10F269Z2Q6 Datasheet HTML 100Page - STMicroelectronics ST10F269Z2Q6 Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 184 page
background image
ST10F269
14 - SERIAL CHANNELS
97/184
Note: The deviation errors given in the Table 29 are rounded. To avoid deviation errors use a Baud rate
crystal (providing a multiple of the ASC0/SSC sampling frequency).
Table 29 : Commonly Used Baud Rates by Reload Value and Deviation Errors (TQFP144 devices)
S0BRS = ‘0’, fCPU = 32MHz
S0BRS = ‘1’, fCPU = 32MHz
Baud Rate (Baud)
Deviation Error
Reload Value
Baud Rate (Baud)
Deviation Error
Reload Value
1000 000
±0.0%
0000h
666 667
±0.0%
0000h
56000
+5.0% / -0.8%
0010h / 001h
56000
+8.2% / -0.8%
000Ah / 000Bh
38400
+0.2% / -3.5%
0019h / 0020h
38400
+2.1% / -3.5%
0010h / 0011h
19200
+0.2% / -1.7%
0033h / 0034h
19200
+2.1% / -0.8%
0021h / 0022h
9600
+0.2% / -0.8%
0067h/ 0068h
9600
+0.6% / -0.8%
0044h / 0045h
4800
+0.5% / -0.3%
00CFh / 00CEh
4800
+0.6% / -0.1%
0089h / 008Ah
2400
+0.2% / -0.1%
019Fh / 01A0h
2400
+0.3% / -0.1%
0114h / 0115h
1200
+0.1% / -0.1%
0340h / 0341h
1200
+0.1% / -0.1%
022Ah / 022Bh
600
+0.1% / -0.1%
0681h / 0682h
600
+0.1% / -0.1%
0456h / 0457h
95
+0.1% / -0.1%
291Dh / 291Eh
75
+0.1% / 0.1%
22B7h / 22B8h
63
+0.1% / -0.1%
2955h / 2956h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com