Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F269Z2Q6 Datasheet(PDF) 91 Page - STMicroelectronics

Part # ST10F269Z2Q6
Description  16-BIT MCU WITH MAC UNIT, 128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269Z2Q6 Datasheet(HTML) 91 Page - STMicroelectronics

Back Button ST10F269Z2Q6 Datasheet HTML 87Page - STMicroelectronics ST10F269Z2Q6 Datasheet HTML 88Page - STMicroelectronics ST10F269Z2Q6 Datasheet HTML 89Page - STMicroelectronics ST10F269Z2Q6 Datasheet HTML 90Page - STMicroelectronics ST10F269Z2Q6 Datasheet HTML 91Page - STMicroelectronics ST10F269Z2Q6 Datasheet HTML 92Page - STMicroelectronics ST10F269Z2Q6 Datasheet HTML 93Page - STMicroelectronics ST10F269Z2Q6 Datasheet HTML 94Page - STMicroelectronics ST10F269Z2Q6 Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 184 page
background image
ST10F269
12 - PARALLEL PORTS
91/184
12.11.1 - Alternate Functions of Port 8
The 8 lines of Port 8 serve as capture inputs or as
compare
outputs (CC23IO...CC16IO) for the
CAPCOM2 unit.
The usage of the port lines by the CAPCOM unit,
its accessibility via software and the precautions
are the same as described for the Port 2 lines.
As all other capture inputs, the capture input
function of pins P8.7...P8.0 can also be used as
external interrupt inputs (200ns sample rate at
40MHz CPU clock on PQFP144 devices and
250ns sample rate at 32MHz CPU clock on
TQFP144 devices).
The Table 25 summarizes the alternate functions
of Port 8.
Table 25 : Port 8 Alternate Functions
Port 7
Alternate Function
P8.0
P8.1
P8.2
P8.3
P8.4
P8.5
P8.6
P8.7
CC16IO
Capture input / compare output channel 16
CC17IO
Capture input / compare output channel 17
CC18IO
Capture input / compare output channel 18
CC19IO
Capture input / compare output channel 19
CC20IO
Capture input / compare output channel 20
CC21IO
Capture input / compare output channel 21
CC22IO
Capture input / compare output channel 22
CC23IO
Capture input / compare output channel 23
Figure 42 : Port 8 I/O and Alternate Functions
Port 8
Alternate Function
General Purpose Input / Output
P8.7
P8.6
P8.5
P8.4
P8.3
P8.2
P8.1
P8.0
CC23IO
CC22IO
CC21IO
CC20IO
CC19IO
CC18IO
CC17IO
CC16IO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com